Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2932
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2932 Datasheet HTML 1Page - STMicroelectronics SD2932 Datasheet HTML 2Page - STMicroelectronics SD2932 Datasheet HTML 3Page - STMicroelectronics SD2932 Datasheet HTML 4Page - STMicroelectronics SD2932 Datasheet HTML 5Page - STMicroelectronics SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SD2932
4/12
TYPICAL PERFORMANCE (175 MHz)
Output Power vs. Input Power
0
2
4
6
8
10
1214
1618
20
22
Pin, INPUT POWER (W)
0
100
200
300
400
500
600
Vdd=50V
Idq=2 x 250mA
F=175Mhz
Vdd=40 V
Vdd=50 V
Output Power vs. Input Power
0
2
4
6
8
10
12
14
16
18
20
22
Pin, INPUT POWER(W)
0
100
200
300
400
500
600
Vdd=50V
Idq=2 x 250mA
F=175Mhz
T=-20 °C
T=+25 °C
T=+80 °C
Power Gain vs. Output Power
0
100
200
300
400
500
Pout, OUTPUT POWER (W)
10
11
12
13
14
15
16
17
18
Vdd=50V
Idq=2 x 250mA
F=175Mhz
Output Power vs. Gate Voltage
Efficiency vs. Output Power
Output Power vs. Supply Voltage
0
100
200
300
400
500
Pout, OUTPUT POWER (W)
10
20
30
40
50
60
70
80
Vdd=50V
Idq=2 x 250mA
F=175Mhz
24
26
28
30
32
34
36
38
40
42
44
46
48
50
Vdd,DRAIN VOLTAGE (V)
100
150
200
250
300
350
400
450
Pin=3.9 W
Pin=7.8 W
Pin=15.6 W
Idq=2 x 250mA
F=175Mhz
-3
-2
-1
0
1
2
3
VGS, GATE_SOURCE VOLTAGE (V)
0
100
200
300
400
Vdd=50V
Idq=2 x 250mA
F=175Mhz
T=-20 °C
T=+25 °C
T=+80 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com