Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39P0R8070E2 Datasheet(PDF) 5 Page - Numonyx B.V

Part # M39P0R8070E2
Description  256 or 512Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit Low Power SDRAM, 1.8V supply, Multi-Chip Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M39P0R8070E2 Datasheet(HTML) 5 Page - Numonyx B.V

  M39P0R8070E2 Datasheet HTML 1Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 2Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 3Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 4Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 5Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 6Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 7Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 8Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M39P0R8070E2, M39P0R9070E2
List of figures
5/24
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
TFBGA connections (top view through package) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
Functional block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 4.
AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 5.
AC measurement load circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 6.
TFBGA105 9x11mm - 9x12 active ball array, 0.8mm pitch, package outline . . . . . . . . . . . 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com