Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39P0R8070E2 Datasheet(PDF) 7 Page - Numonyx B.V

Part # M39P0R8070E2
Description  256 or 512Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit Low Power SDRAM, 1.8V supply, Multi-Chip Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M39P0R8070E2 Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M39P0R8070E2 Datasheet HTML 3Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 4Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 5Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 6Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 7Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 8Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 9Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 10Page - Numonyx B.V M39P0R8070E2 Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
M39P0R8070E2, M39P0R9070E2
Summary description
7/24
Figure 1.
Logic diagram
1.
Amax is A23 in the M39P0R8070E2 and A24 in the M39P0R9070E2.
Ai12813
A0-Amax(1)
EF
DQ0-DQ15
VDDQ
M39P0R8070E2
M39P0R9070E2
GF
VSS
16
WF
RPF
WPF
VDDF
DPDF
ES
WS
VPPF
VDDS
LF
KF
WAITF
CASS
RASS
BA0-BA1
2
KS
KES
UDQMS
LDQMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com