Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIH323B Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PIH323B
Description  InSb Hall Element
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PIH323B Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PIH323B Datasheet HTML 1Page - Potens Semiconductor Corp. PIH323B Datasheet HTML 2Page - Potens Semiconductor Corp. PIH323B Datasheet HTML 3Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Potens semiconductor corp.
Ver.1.01
2
PIH323B
InSb Hall Element
Table 1. Electrical Characteristics (Ta = 25℃)
Item
Symbol
Test Conditions.
Min.
Typ.
Max.
Unit
Hall Voltage
VH
B = 50mT, VC=1V
310
---
415
mV
Input Resistance
Rin
B = 0mT, IC = 0.1mA
240
---
550
Ω
Output Resistance
Rout
B = 0mT, IC = 0.1mA
240
---
550
Ω
Offset Voltage
Vos
B = 0mT, VC = 1V
-7
---
+7
mV
Temp. Coeffi. of VH
αVH
B = 50mT, IC =5mA,
Ta = 0℃ ~ 40℃
---
-1.8
---
%/℃
Temp. Coeffi. of Rin
αRin
B = 0mT, IC =0.1mA,
Ta = 0℃ ~ 40℃
---
-1.8
---
%/℃
Note:
1.
VH = VH−M
− Vos
In which VH-M is the Output Hall Voltage, VH is the Hall Voltage and VOS is the offset Voltage under the
identical electrical stimuli.
2.
������
������ =
1
V������(T1)
×
V������(T3)−V������(T2)
(T3−T2)
× 100
3.
������
������������ =
1
R������������(T1)
×
R������������(T3)−R������������(T2)
(T3−T2)
× 100
T1 = 20℃ , T2 = 0℃ , T3 = 40℃
Rank
VH [mV]
Conditions
G
310 ~ 370
B=50mT, VC=1V
Table 2. Classification of Hall Voltage (VH)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com