Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIH323B Datasheet(PDF) 3 Page - Potens Semiconductor Corp.

Part # PIH323B
Description  InSb Hall Element
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PIH323B Datasheet(HTML) 3 Page - Potens Semiconductor Corp.

  PIH323B Datasheet HTML 1Page - Potens Semiconductor Corp. PIH323B Datasheet HTML 2Page - Potens Semiconductor Corp. PIH323B Datasheet HTML 3Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Potens semiconductor corp.
Ver.1.01
3
PIH323B
InSb Hall Element
0
250
500
750
1000
1250
1500
- 50
0
50
100
150
B = 50mT
I
C=5mA
VC=1V
Fig.1 Rin-Ta
Magnetic Flux Density, B (mT)
Fig.2 VH-B
Ambient Temperature, Ta (°C)
Fig.3 VH-Ta
Input Current/Voltage, IC/VC
Fig.4 VH-IC , VH-VC
Ambient Temperature, Ta (°C)
Input Current/Voltage, IC/VC
Fig.5 VOS-IC , VOS-VC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com