Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 39 Page - Numonyx B.V

Part # M58PR001LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR001LE Datasheet(HTML) 39 Page - Numonyx B.V

Back Button M58PR001LE Datasheet HTML 35Page - Numonyx B.V M58PR001LE Datasheet HTML 36Page - Numonyx B.V M58PR001LE Datasheet HTML 37Page - Numonyx B.V M58PR001LE Datasheet HTML 38Page - Numonyx B.V M58PR001LE Datasheet HTML 39Page - Numonyx B.V M58PR001LE Datasheet HTML 40Page - Numonyx B.V M58PR001LE Datasheet HTML 41Page - Numonyx B.V M58PR001LE Datasheet HTML 42Page - Numonyx B.V M58PR001LE Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
M58PR512LE, M58PR001LE
Command interface
39/123
4.25
Unlock EFA Block command
The Unlock EFA Block command unlocks an EFA block, allowing the EFA block to be
programmed or erased.
Two bus write cycles are required to issue the Unlock EFA Block command.
●
The first bus cycle sets up the Unlock EFA Block command.
●
The second bus write cycle latches the block address and unlocks the block.
The lock status can be monitored for each EFA block using the Read Electronic Signature
command.
Refer to Section 12: Block locking for a detailed explanation and to Appendix C, Figure 29:
Main array and EFA locking operations flowchart and pseudocode for a flowchart for using
the Unlock EFA Block command.
4.26
Lock-down EFA Block command
The Lock-down EFA Block command locks down a locked or unlocked EFA block.
A locked-down EFA block cannot be programmed or erased. The lock status of a locked-
down EFA block cannot be changed when WP is Low, VIL. When WP is High, VIH, the lock-
down function is disabled and the locked EFA blocks can be individually unlocked by issuing
the Unlock EFA Block command.
Two bus write cycles are required to issue the Lock-down EFA Block command.
●
The first bus cycle sets up the Lock-down EFA Block command.
●
The second bus write cycle latches the block address and locks down the block.
The lock status can be monitored for each EFA block using the Read Electronic Signature
command.
Locked-down EFA blocks revert to the locked (and not locked-down) state when the device
is reset on power-down. Table 21 shows the lock status after issuing a Lock-down EFA Block
command.
Refer to Section 12: Block locking for a detailed explanation and to Appendix C, Figure 29:
Main array and EFA locking operations flowchart and pseudocode for a flowchart for using
the Lock-down EFA Block command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com