Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR001LE Datasheet(PDF) 58 Page - Numonyx B.V

Part # M58PR001LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR001LE Datasheet(HTML) 58 Page - Numonyx B.V

Back Button M58PR001LE Datasheet HTML 54Page - Numonyx B.V M58PR001LE Datasheet HTML 55Page - Numonyx B.V M58PR001LE Datasheet HTML 56Page - Numonyx B.V M58PR001LE Datasheet HTML 57Page - Numonyx B.V M58PR001LE Datasheet HTML 58Page - Numonyx B.V M58PR001LE Datasheet HTML 59Page - Numonyx B.V M58PR001LE Datasheet HTML 60Page - Numonyx B.V M58PR001LE Datasheet HTML 61Page - Numonyx B.V M58PR001LE Datasheet HTML 62Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 123 page
background image
Enhanced configuration register
M58PR512LE, M58PR001LE
58/123
8
Enhanced configuration register
The ECR (enhanced configuration register) enables the deep power-down mode and
configures the output driver strength. It is set through the command interface using the Set
Enhanced Configuration Register command.
The contents of the ECR can be read by issuing the Read Electronic Signature command,
and then by reading from the bank base address + 06h.
The ECR is volatile: after a reset or a power-down/power-up sequence the register is set to
the default value. The configuration register bits are described in Table 17.
8.1
Deep power-down mode bit (ECR15)
The deep power-down mode bit, ECR15, enable the deep power-down mode.
The device can only enter the deep power-down mode from standby, by, in any order,
asserting the DPD pin and setting ECR15 to ‘1’.
When the device is in the deep power-down mode, de-asserting the DPD pin and/or
resetting ECR15 causes the device to revert to standby mode.
8.2
Deep power-down polarity bit (ECR14)
The deep power-down polarity bit sets the polarity of the DPD signal.
When:
●
ECR14 = 0, the DPD signal is active Low (default).
●
ECR14 = 1, the DPD signal is active High.
8.3
Output driver control bits (ECR2-ECR0)
The output driver control bits, ECR0, ECR1, and ECR2 select the output driver impedance
best suited to the system requirements.
After reset or power-up the output driver control bits are set to the enhanced configuration
register default value (ECR2-ECR0 = 100, that is 30
Ω (30 pF) (default)). Optimum
performance is only achieved if the output driver impedance is properly configured.
Once a configuration has been selected, all data and wait output drivers are set to the same
setting.
Table 17 lists the output driver impedances at VDDQ/2 and the loads that correspond for
each ECR2-ECR0 bit configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com