Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821G Datasheet(PDF) 21 Page - MOSA ELECTRONICS

Part # MS6821G
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821G Datasheet(HTML) 21 Page - MOSA ELECTRONICS

Back Button MS6821G Datasheet HTML 17Page - MOSA ELECTRONICS MS6821G Datasheet HTML 18Page - MOSA ELECTRONICS MS6821G Datasheet HTML 19Page - MOSA ELECTRONICS MS6821G Datasheet HTML 20Page - MOSA ELECTRONICS MS6821G Datasheet HTML 21Page - MOSA ELECTRONICS MS6821G Datasheet HTML 22Page - MOSA ELECTRONICS MS6821G Datasheet HTML 23Page - MOSA ELECTRONICS MS6821G Datasheet HTML 24Page - MOSA ELECTRONICS MS6821G Datasheet HTML 25Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 1.0
21
www.mosanalog.com
APPLICATION INFORMATION
A base application circuit
PVSSR
VDD
VSS
PVDDL
PVDDR
BCK
WS
DATA
SDA
SCL
2.4~5.5V
Power Amplifier Supply
1uF
PVSSL
1uF
0.1uF
MS6821
Audio
Decoder
MCU
2
28
1
27
28
21
8
19
13
16
10
4.7uF
CAP
2.4~5.5V
Supply
1uF
3
LIN1
LIN2
LIN3
25
24
23
LIN4
22
RIN1
RIN2
RIN3
4
5
6
RIN4
7
L channel
R channel
10uF
10uF
OUTL-
OUTL+
20
18
100uF
1k
R
L
8Ω
OUTR-
OUTR+
9
11
100uF
1k
R
L
8Ω
DACL
DACR
15
14
Headphone Jack
10uF
10uF
100k
V
DD
MCU
HP_sense
100k
1uF
Using LINE_IN function -- Built-in DAC power down
There are two functions at pin14 and pin15, one is built-in DAC output channel, and the other is LINE_IN.
The DAC must be power down if the two pins are operated in LINE_IN function.
RIN2
RIN1
Attenuation
&
Mute
LIN1
LIN2
LIN3
RIN3
LIN4
RIN4
16-bit DAC
Mixer
Attenuation
&
Mute
Mixer
LINE_INL
LINE_INR
Po
we
r D
ow
n
14
15
Audio signal
L-ch selector
& Gain
R-ch selector
& Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com