Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6821G Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6821G
Description  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821G Datasheet(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6821G Datasheet HTML 3Page - MOSA ELECTRONICS MS6821G Datasheet HTML 4Page - MOSA ELECTRONICS MS6821G Datasheet HTML 5Page - MOSA ELECTRONICS MS6821G Datasheet HTML 6Page - MOSA ELECTRONICS MS6821G Datasheet HTML 7Page - MOSA ELECTRONICS MS6821G Datasheet HTML 8Page - MOSA ELECTRONICS MS6821G Datasheet HTML 9Page - MOSA ELECTRONICS MS6821G Datasheet HTML 10Page - MOSA ELECTRONICS MS6821G Datasheet HTML 11Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 1.0
7
www.mosanalog.com
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃; unless otherwise specified)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
Quiescent current vs. supply voltage
Quiescent current vs. supply voltage
Quiescent current vs. supply voltage
SUPPLY VOLTAGE (V)
Quiescent current vs. supply voltage
SE
BTL
LPD or RPD
DAC activates.
All Devices activate.
All Devices activate except DAC
DAC activates only
BTL
BTL
SE
SE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com