Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS862 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS862
Description  Rail-to-rail micropower BiCMOS comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS862 Datasheet(HTML) 1 Page - STMicroelectronics

  TS862 Datasheet HTML 1Page - STMicroelectronics TS862 Datasheet HTML 2Page - STMicroelectronics TS862 Datasheet HTML 3Page - STMicroelectronics TS862 Datasheet HTML 4Page - STMicroelectronics TS862 Datasheet HTML 5Page - STMicroelectronics TS862 Datasheet HTML 6Page - STMicroelectronics TS862 Datasheet HTML 7Page - STMicroelectronics TS862 Datasheet HTML 8Page - STMicroelectronics TS862 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
November 2012
Doc ID 6422 Rev 3
1/19
19
TS861, TS862, TS864
Rail-to-rail micropower BiCMOS comparators
Datasheet
−production data
Features
■ Ultra low current consumption (6 µA/comp.
at VCC =2.7 V)
■ Rail-to-rail CMOS inputs
■ Push-pull outputs
■ Supply operation from 2.7 to 10 V
■ Low propagation delay
■ ESD protection (2 kV)
■ Latch-up immunity (class A)
■ Available in SOT23-5 micropackage, SO-8,
SO-14,TSSOP8, and TSSOP14 package
Applications
■ Battery powered systems such as alarms
■ Portable communication systems
■ Smoke/gas/fire detectors
■ Portable computers
Description
The TS86x device (single, dual and quad) is
a rail-to-rail comparator characterized for 2.7 to
10 V operation over -40 °C to +85 °C temperature
ranges. It exhibits an excellent speed-to-power
ratio, featuring a current consumption of 6
μA per
comparator and a response time of 500 ns
at 2.7 V for a 100 mV overdrive.
Due to its ultra low power consumption and its
availability in a tiny package, the TS86x
comparator family is perfectly suited to battery-
powered systems. The output stage is designed
with a push-pull structure allowing a direct
connection to the microcontroller without
additional pull-up resistors.
8
6
Vcc-
1
2
Non-inverting input 1 3
4
7
5
Inverting input 1
Output 2
Vcc+
Non-inverting input 2
Output 1
Inverting input 2
8
6
Vcc-
1
2
Non-inverting input 1 3
4
7
5
Inverting input 1
Output 2
Vcc+
Non-inverting input 2
Output 1
Inverting input 2
SOT23-5
SO-8, TSSOP8 (dual)
5
4
Output
Vcc-
1
2
Non-inverting input
Vcc+
3
+
-
Inverting input
8
6
Vcc-
1
2
Non-inverting input 3
4
7
5
Inverting input
Output
Vcc+
NC
NC
NC
8
6
Vcc-
1
2
Non-inverting input 3
4
7
5
Inverting input
Output
Vcc+
NC
NC
NC
14
12
Vcc-
1
2
Non-inverting input 3
3
4
13
11
Inverting input 3
Output 4
Non-inverting input 2
Output 2
Inverting input 4
10
8
9
Output 3
Vcc+
Inverting input 2
5
6
Non-inverting input 1
7
Inverting input 1
Output 1
Non-inverting input 4
14
12
Vcc-
1
2
Non-inverting input 3
3
4
13
11
Inverting input 3
Output 4
Non-inverting input 2
Output 2
Inverting input 4
10
8
9
Output 3
Vcc+
Inverting input 2
5
6
Non-inverting input 1
7
Inverting input 1
Output 1
Non-inverting input 4
SO-14, TSSOP14 (quad)
SO-8 (single)
www.st.com


Similar Part No. - TS862

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS862 STMICROELECTRONICS-TS862 Datasheet
304Kb / 15P
RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
Feb-2002
TS862 STMICROELECTRONICS-TS862 Datasheet
472Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
TS862AI STMICROELECTRONICS-TS862AI Datasheet
304Kb / 15P
RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
Feb-2002
logo
Fuji Electric
TS862C04R FUJI-TS862C04R Datasheet
135Kb / 3P
Low IR Schottky barrier diode
TS862C06R FUJI-TS862C06R Datasheet
128Kb / 3P
Low IR Schottky barrier diode
More results

Similar Description - TS862

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS861 STMICROELECTRONICS-TS861 Datasheet
304Kb / 15P
RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
Feb-2002
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
Rail-to-Rail 1.8V High-Speed Micropower Comparators
Jan-2005
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
logo
STMicroelectronics
TS7221 STMICROELECTRONICS-TS7221_09 Datasheet
197Kb / 13P
Single BiCMOS rail-to-rail micropower comparator
27-Mar-2009
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
logo
STMicroelectronics
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
Rail-to-rail micropower BiCMOS comparators
06-Nov-2012
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
Micropower low-voltage, rail-to-rail comparators
30-Apr-2013
logo
Maxim Integrated Produc...
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com