Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS660LSB Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS660LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS660LSB Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS660LSB Datasheet HTML 1Page - Allegro MicroSystems ATS660LSB Datasheet HTML 2Page - Allegro MicroSystems ATS660LSB Datasheet HTML 3Page - Allegro MicroSystems ATS660LSB Datasheet HTML 4Page - Allegro MicroSystems ATS660LSB Datasheet HTML 5Page - Allegro MicroSystems ATS660LSB Datasheet HTML 6Page - Allegro MicroSystems ATS660LSB Datasheet HTML 7Page - Allegro MicroSystems ATS660LSB Datasheet HTML 8Page - Allegro MicroSystems ATS660LSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ATS660LSB
TRUE ZERO-SPEED, HALL-EFFECT
ADAPTIVE GEAR-TOOTH SENSOR
The ATS660LSB is an ideal gear-tooth sensor solution for uniform
teeth targets as found in today’s demanding transmission applications.
This digital differential Hall-effect sensor is the choice when repeatabil-
ity and timing accuracy count. The ATS660LSB incorporates patented
self-calibration circuitry (U.S. Pat. 5,917,320) that nulls out the effects
of installation air gap, ambient temperature, and magnet offsets to
provide superior timing accuracy with symmetrical targets over large
operating air gaps — typical of targets used in speed-sensing applica-
tions (pitches varying from below 0.5 to over 1.2 teeth per diametric
millimeter). The self-calibration at power up keeps the performance
optimized over the life of the sensor. The ATS660LSB has an open-
collector output for direct digital interfacing with no further signal
processing required. This device is available in a small 9-mm diameter
by 7-mm long package for optimal manufacturing.
The integrated circuit incorporates a dual-element Hall-effect
sensor and signal processing that switches in response to differential
magnetic signals created by the ferrous gear teeth. The circuitry
contains a sophisticated digital circuit to eliminate magnet and system
offsets and to achieve true zero-speed operation . D-to-A converters are
used to adjust the device gain at power on and to allow air-gap indepen-
dent switching, which greatly reduces vibration sensitivity of the
device.
FEATURES AND BENEFITS
s Fully optimized differential digital gear-tooth sensor
s Single-chip sensing IC for high reliability
s High vibration immunity
s Precise duty cycle
s Small mechanical size (9 mm diameter x 7 mm length)
s Automatic gain control circuitry (self calibration)
s True zero-speed operation
s Under-voltage lockout
s Wide operating temperature range
s Optimized Hall IC magnetic circuit
s Digital signal processing
s Large operating air gap range
s Wide operating voltage range
s Excellent repeatability performance
s Defined power-on state
Always order by complete part number: ATS660LSB .
Dwg. AH-006-4
1
2
3
4
Pin 1 = Supply
Pin 2 = Output
Pin 3 = Internal Connection
Pin 4 = Ground
ABSOLUTE MAXIMUM RATINGS
at TA = 25°C
Supply Voltage, VCC ........................ 26.5 V*
Reverse Supply Voltage, VRCC ............ -24 V
Output OFF Voltage, VOUT ................. 26.5 V
Reverse Output Voltage, VROUT .......... -24 V
Continuous Output Current, IOUT ....... 20 mA
Reverse Output Current, IROUT .......... 50 mA
Package Power Dissipation,
PD .......................................... See Graph
Operating Temperature Range,
TA ............................. -40°C to +150°C*
Junction Temperature,
(continuous), TJ .......................... +165°C
(100 hr), TJM ............................... +180°C
Storage Temperature, TS ................... +170°C
* Operation at increased supply voltages with
external circuitry is described in Applications
Information. Devices for operation at in-
creased temperatures are available on special
order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com