Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS660LSB Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS660LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS660LSB Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS660LSB Datasheet HTML 1Page - Allegro MicroSystems ATS660LSB Datasheet HTML 2Page - Allegro MicroSystems ATS660LSB Datasheet HTML 3Page - Allegro MicroSystems ATS660LSB Datasheet HTML 4Page - Allegro MicroSystems ATS660LSB Datasheet HTML 5Page - Allegro MicroSystems ATS660LSB Datasheet HTML 6Page - Allegro MicroSystems ATS660LSB Datasheet HTML 7Page - Allegro MicroSystems ATS660LSB Datasheet HTML 8Page - Allegro MicroSystems ATS660LSB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
2
Copyright © 2002 Allegro MicroSystems, Inc.
FUNCTIONAL BLOCK DIAGRAM
SUPPLY
1
REG
UVLO
POWER-ON
LOGIC
–
+
REF
INTERNAL
CONNECTION
3
E2
MAGNET
E1
X
X
–
+
Dwg. FH-019-2A
–
+
–
+
POSITIVE PEAK
DIGITAL PROC.
NEGATIVE PEAK
DIGITAL PROC.
32 V
THRESHOLD
COMPARATORS
GROUND
OUTPUT
<1
Ω
CURRENT
LIMIT
2
4
CONTROL
600
400
200
40
80
120
160
0
AMBIENT TEMPERATURE IN
°°°°C
Dwg. GH-065-6
60
100
140
180
20
800
1000
RθJA = 147
°C/W
CONTINUOUS
100
HOURS
MAX.
Pin 3 must be externally connected to pin 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com