Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS612LSB Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS612LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS612LSB Datasheet HTML 6Page - Allegro MicroSystems ATS612LSB Datasheet HTML 7Page - Allegro MicroSystems ATS612LSB Datasheet HTML 8Page - Allegro MicroSystems ATS612LSB Datasheet HTML 9Page - Allegro MicroSystems ATS612LSB Datasheet HTML 10Page - Allegro MicroSystems ATS612LSB Datasheet HTML 11Page - Allegro MicroSystems ATS612LSB Datasheet HTML 12Page - Allegro MicroSystems ATS612LSB Datasheet HTML 13Page - Allegro MicroSystems ATS612LSB Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
www.allegromicro.com
9
DEVICE DESCRIPTION — Continued
Power-on state operation. The device is guaranteed
to power on (power up) in the off state (high output
voltage) regardless of the presence or absence of a gear
tooth.
Under-voltage lockout. If the supply voltage falls
below the minimum operating voltage (V
CC(UV)), the
device output will turn off (high output voltage) and stay
off irrespective of the state of the magnetic field. This
prevents false signals caused by under-voltage conditions
from propagating through to the output of the sensor.
Output. The output of the sensor is a short-circuit-
protected open-collector stage capable of sinking 20 mA.
An external pull-up (resistor) to a supply voltage of not
more than 26.5 V must be supplied.
Dwg. AH-006-1
1
2
3
4
APPLICATIONS INFORMATION
Dwg. AH-007
1
2
3
4
Output polarity. The output of the device will switch
from off to on as the leading edge of the target passes the
sensor in the direction indicated (pin 4 to pin 1), which
means that the output voltage will be low when the unit is
facing a tooth. If rotation is in the opposite direction (pin
1 to pin 4), the output of the device will switch from on to
off as the leading edge of the target passes the sensor,
which means that the output voltage will be high when the
unit is facing a tooth.
Power supply protection. The device contains an on-
chip regulator and can operate over a wide supply voltage
range. For devices that need to operate from an unregu-
lated power supply, transient protection should be added
externally. For applications using a regulated line, EMI/
RFI protection is still required. Incorrect protection can
result in unexplained pulses on the output line, providing
inaccurate sensing information to the user.
EMI protection circuitry can easily be added to a PC board
for use with this device. Provisions have been made for
easy mounting of this board on the back of the unit. PC
board installation parallel to the device axis is also pos-
sible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com