Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS612LSB Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # ATS612LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button ATS612LSB Datasheet HTML 9Page - Allegro MicroSystems ATS612LSB Datasheet HTML 10Page - Allegro MicroSystems ATS612LSB Datasheet HTML 11Page - Allegro MicroSystems ATS612LSB Datasheet HTML 12Page - Allegro MicroSystems ATS612LSB Datasheet HTML 13Page - Allegro MicroSystems ATS612LSB Datasheet HTML 14Page - Allegro MicroSystems ATS612LSB Datasheet HTML 15Page - Allegro MicroSystems ATS612LSB Datasheet HTML 16Page - Allegro MicroSystems ATS612LSB Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
www.allegromicro.com
15
ADAPTIVE THRESHOLD SENSORS
(Modules containing sensor & magnet)
Supply
Specified
Minimum
Target
Part
Voltage
Power-On
Air-Gap Range
Timing
Speed
or Gear
Number
(V)
State
(mm at >20 rpm)
Accuracy
(rpm)
Pitch
ATS610LSA
3.5 to 16
Off
0.4 to 2.25
±1° (Typ ±0.5°)
10
Coarse
ATS611LSB
3.5 to 16
Off
0.4 to 2.50
±1° (Typ ±0.5°)10
Fine
ATS612LSB
3.6 to 24Off
0.4
to 2.50
±0.75° (Typ ±0.5°)
10
Coarse/fine
ATS622LSB*
4.5 to 24
Off
0.5 to 2.50
±0.5° (Typ ±0.25°)
Zero
Coarse/fine
ATS660LSB
4.5 to 24
Off
0.5 to 2.50
Zero
Coarse/fine
ATS665LSG
3.3 to 24Off
0.5 to 2.50
Zero
Coarse/fine
ATS672LSB-LN
3.3 to 26.5
0.5 to 2.25
±0.4° (Typ ±0.25°)
Zero
Coarse
* Some restrictions may apply to certain types of sales. Contact factory for details.
Part
Operating
Number
Temp. Range
Salient Features and Key Applications
ATS610LSA
-40
°C to +150°C
Target position, speed sensing, crankshaft or camshaft angle/position.
Automotive or industrial large-tooth target.
ATS611LSB
-40
°C to +150°C
Shaft or transmission speed sensing, ABS systems.
Automotive or industrial small-tooth target.
ATS612LSB
-40
°C to +150°C
Similar to ATS611 with addition of self calibration 5-bit A/D converter.
Can replace ATS610 or ATS611.
ATS622LSB*
-40
°C to +150°C
Zero-speed, differential peak-detecting sensing elements.
Automotive/ignition, high accuracy speed or position sensing.
ATS660LSB
-40
°C to +150°C
Zero-speed, differential-peak-detecting sensing elements. Target position or
speed sensing. Automotive or industrial large/small-tooth target.
ATS665LSG
-40
°C to +150°C
Zero-speed, differential-peak-detecting sensing elements. Target position or
speed sensing. Automotive or industrial large/small-tooth target.
ATS672LSB-LN -40
°C to +150°C
Zero-speed, self-calibrating, non-oriented. Camshaft angle/position or speed
sensing. Automotive or industrial large-tooth target. Can replace ATS632.
* Some restrictions may apply to certain types of sales. Contact factory for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com