Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL612-05-XXXMC-R Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PL612-05-XXXMC-R
Description  1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL612-05-XXXMC-R Datasheet(HTML) 4 Page - PhaseLink Corporation

  PL612-05-XXXMC-R Datasheet HTML 1Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 2Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 3Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 4Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 5Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 6Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 7Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 8Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 9/4/07 Page 4
On-The-Fly Configuration Switching (CSEL)
The PL612-05 can be programmed to allow switching
between 2 different configurations, allowing for
changes in the output frequency and other feature
changes. Many applications (i.e. video/audio) can
use the same design footprint, but allow for
configuration switching, adhering to various
standards. CSEL is used to make the switching
selection. This pin incorporates a 60kΩ pull up
resistor for normal operating condition. The logic for
configuration switching of the programmed parts is
shown below:
CSEL
Programmed
Configuration
0
0
1
1(Default)
Note: Typical enable time is 100µs
.
LAYOUT RECOMMENDATIONS
The following guidelines are to assist you with a performance optimized PCB design:
Signal Integrity and Termination
Considerations
- Keep traces short!
- Trace = Inductor. With a capacitive load this
equals ringing!
- Long trace = Transmission Line. Without proper
termination this will cause reflections ( looks like
ringing ).
- Design long traces (> 1 inch) as “striplines” or
“microstrips” with defined impedance.
- Match trace at one side to avoid reflections
bouncing back and forth.
Decoupling and Power Supply
Considerations
- Place decoupling capacitors as close as possible to
the VDD pin(s) to limit noise from the power supply
- Multiple VDD pins should be decoupled separately
for best performance.
- Addition of a ferrite bead in series with VDD can
help prevent noise from other board sources
- Value of decoupling capacitor is frequency
dependant. Typical values to use are 0.1
F for
designs using frequencies < 50MHz and 0.01
F for
designs using frequencies > 50MHz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com