Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL612-05-XXXMC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL612-05-XXXMC-R
Description  1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL612-05-XXXMC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL612-05-XXXMC-R Datasheet HTML 1Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 2Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 3Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 4Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 5Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 6Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 7Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 8Page - PhaseLink Corporation PL612-05-XXXMC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 9/4/07 Page 1
2
3
4
5
6
7
8
9
CLK4, CSEL^
VDD
CLK3
XOUT
CLK0
VDD
CLK2, OEM^, PDB^
MSOP-10L
10
1
GND
XIN, FIN
CLK1
FEATURES
 Designed for PCB space savings with 2 low-power
Programmable PLLs and up to 5 clock outputs.
 Low-power consumption (<10µA when PDB is
activated)
 Output frequency:
o
<133MHz @ 1.8V operation
o
<166MHz @ 2.5V operation
o
<200MHz @ 3.3V operation
 Input frequency:
o
Fundamental Crystal: 10MHz - 50MHz
o
Reference Input: 1MHz - 200MHz
 Programmable I/O pins can be configured as Output
Enable (OE), Configuration Switching (CSEL), Power
Down (PDB) input, or Clock outputs.
 Single 1.8V ~ 3.3V, ± 10% power supply
 Operating temperature range from -40C to 85C
 Available in GREEN/RoHS compliant SOP-8L or
MSOP-10L packages..
DESCRIPTION
The PL612-05 is an advanced dual PLL design based
on PhaseLink’s PicoPLLTM, world’s smallest
programmable clock, technology. This flexible
programmable architecture is ideal for high
performance, low-power, low-cost applications. When
using the power down (PDB) feature the PL612-05
consumes less than 10 µA of power, while its
Configuration Select (CSEL) function allows switching
of 2 programmable configurations. Besides its small
form factor and 3 or 5 outputs that can reduce overall
system costs, the PL612-05 offers superior phase
noise, jitter and power consumption performance.
PIN CONFIGURATION
^ Denotes internal pull up
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
XIN, FIN
VDD
CLK0
XOUT
CLK1
GND
VDD
CLK2, OEM^, PDB^
SOP-8L


Similar Part No. - PL612-05-XXXMC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
Microchip Technology
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
PhaseLink Corporation
PL610-01-XXXGC PLL-PL610-01-XXXGC Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
Microchip Technology
PL610-01-XXXGC MICROCHIP-PL610-01-XXXGC Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
PhaseLink Corporation
PL610-01-XXXGC-R PLL-PL610-01-XXXGC-R Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
More results

Similar Description - PL612-05-XXXMC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
3.3V Communications Clock PLL
Revision 101904
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
PhaseLink Corporation
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
PL613-05 PLL-PL613-05 Datasheet
456Kb / 9P
1.8V-3.3V PicoTreoTM, 3-PLL, 200MHz, 5 Output Clock IC
logo
Aeroflex Circuit Techno...
UT7R995 AEROFLEX-UT7R995 Datasheet
173Kb / 22P
RadHard 2.5V/3.3V 200MHz High-Speed Multi-phase PLL Clock Buffer
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
logo
Asahi Kasei Microsystem...
AK8150CU AKM-AK8150CU Datasheet
371Kb / 6P
1.8V/3.0V Single-PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com