Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL612-05-XXXSC-R Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL612-05-XXXSC-R
Description  1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL612-05-XXXSC-R Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL612-05-XXXSC-R Datasheet HTML 1Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 2Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 3Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 4Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 5Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 6Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 7Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 8Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 9/4/07 Page 2
PACKAGE PIN ASSIGNMENT
Package Pin #
Name
MSOP-10L
SOP-8L
Type
Description
XIN, FIN
10
1
I
Crystal or Reference Clock input
CLK4, CSEL
2
-
B*
- Programmable Clock (CLK4) output or
- Configuration Switching input
CLK2, OEM,
PDB
3
2
B*
- Programmable Clock (CLK2) output, or
- Output Enable Master (OEM) for all clock outputs, or
- Power Down mode (PDB) input
VDD
4, 8
3, 7
P
VDD connection
CLK3
5
-
O
Programmable Clock (CLK3) output
CLK0
6
4
B*
Programmable Clock (CLK0) output
GND
1
5
P
GND connection
CLK1
7
6
O
Programmable Clock (CLK1) output
XOUT
9
8
O
Crystal output pin. Do Not Connect when using FIN
* Note: All bidirectional buffers (I/Os) incorporate an internal 60KΩ pull up resistor except when PDB mode is used. In
configurations that use PDB, the PDB pin will have a 10MΩ pull up resistor.
KEY PROGRAMMING PARAMETERS
CLK[ 0:4 ]
Output Frequency
Output Drive Strength
Programmable Input/Output
CLK[0]
FVCO2 / P
CLK[1]
FVCO1 / (P*(1,2,4,8)) or FREF / (P*(1,2,4,8))
CLK[2]
FREF / (P*(1,2,4,8))
CLK[3]
FVCO2 / (P*(1,2,4,8)) or FREF / (P*(1,2,4,8))
CLK[4]
FREF / P
Where FVCO = FREF * M / R
M = 11 bit
R = 8 bit
P = 5 bit (Odd/Even Divider)
Each output has
three optional drive
strengths to choose
from. They are:
 Low: 4mA
 Std: 8mA (default)
 High:16mA
Most pins are multi-function I/Os and can be
configured as:
 OEM – (Master OE controlling all outputs)
 CSEL – (Device Configuration Switching)
 PDB – (Power Down)
CLK[0:4] – (Output)
HiZ or Active Low disabled state



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com