Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL612-05-XXXSC-R Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL612-05-XXXSC-R
Description  1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL612-05-XXXSC-R Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL612-05-XXXSC-R Datasheet HTML 1Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 2Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 3Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 4Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 5Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 6Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 7Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 8Page - PhaseLink Corporation PL612-05-XXXSC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(Preliminary)
1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 9/4/07 Page 3
FUNCTIONAL DESCRIPTION
The PL612-05 is a highly featured, very flexible, advanced Dual PLL design for high performance, low-power
applications. Starting from a low-cost fundamental input crystal of 10MHz to 50MHz or a reference clock input of
1MHz to 200MHz, the PL612 is capable of producing 3 (SOP-8L) or 5 (MSOP-10L) distinct output frequencies of up
to 200MHz. Both PLLs are fully programmable, with a total of three Odd/Even (patent pending) ‘5-bit’ Post VCO
(P-counter) dividers with additional 1, 2, 4 or 8 ‘Post P-counter’ dividers to allow generating the most demanding
frequencies easily. The outputs can be programmed to deliver the generated frequencies from the PLLs, or the
reference input. Each bidirectional feature pin (I/O) on the PL613-05 incorporates a 60KΩ pull up resistor (10MΩ
for PDB function) and can be configured to perform various functions. Usage of various design features of these
products is mentioned in the following paragraphs.
PLL Programming
The two PLLs in PL612-05 are fully programmable.
Each PLL is equipped with an 8-bit input frequency
divider (R-Counter) and an 11-bit VCO frequency
feedback loop (M-Counter) divider. The PLL outputs
are transferred to Odd/Even (patent pending) 5-bit
post VCO dividers (P-Counter), as shown in the
above diagrams. In addition, there are three optional
(÷1, ÷2, ÷4 or ÷8) ‘post P-Counter’ dividers that can
further divide the VCO frequency. In general, the
PLL output frequency is determined by the following
formula
FOUT = (FREF *M) / (R*P).
For output calculations, please note that ‘P’ includes
the ‘P’ counter bits plus the additional optional (÷1,
÷2, ÷4 or ÷8) dividers, if used.
CLKx (Clock Outputs)
There are a maximum of 3 (SOP-8L) or 5 (MSOP-
10L) outputs available on the PL612-05. Clock output
frequencies can be configured as follows:
CLK[0]
FVCO2 / P
CLK[1]
FVCO1 / (P*(1,2,4,8)) or FREF / (P*(1,2,4,8))
CLK[2]
FREF / (P*(1,2,4,8))
CLK[3]
FVCO2 / (P*(1,2,4,8)) or FREF / (P*(1,2,4,8))
CLK[4]
FREF / P
Each output can be programmed with a 4mA, 8mA, or
16mA drive strength. The maximum output frequency
is 200MHz @ 3.3V, 166MHz @ 2.5V or 133MHz @
1.8V.
OEM (Master Output Enable)
One pin can be configured to be a single Master OE
(OEM) input pin that controls all the outputs of the
PL612-05. In addition the state of the disabled outputs
can be programmed to float (Hi Z) or to operate in the
‘Active low’ mode. The OEM Function operates on the
following logic:
OEM
Pin
OE Type
(Programmable)
Osc
PLL
Output
0 (Default)
On
On
Hi Z
0
1
On
On
Active ‘0’
1
Normal Operation (Default)
Note: Typical enable time is 10ns.
Power-Down Control (PDB)
When activated, PDB ‘Disables all the PLLs, the
oscillator circuitry, counters, and all other active
circuitry. PDB activation disables all outputs and the
IC consumes <10µA of power. The PDB input
incorporates a 10MΩ pull up resistor for normal
operating condition.
The PDB feature can be programmed to allow the
output to float (Hi Z), or to operate in the ‘Active low’
mode. The logic for PDB is shown below:
PDB
Pin
PDB Type
Program
Osc
PLL
Output
0
Off
Off
Hi Z
(Default)
0
1
Off
Off
Active ‘0’
1
Normal Operation (Default)
Note: Typical enable time is 2ms.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com