Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24M01
Description  1 Mbit Serial I²C Bus EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24M01 Datasheet HTML 9Page - STMicroelectronics M24M01 Datasheet HTML 10Page - STMicroelectronics M24M01 Datasheet HTML 11Page - STMicroelectronics M24M01 Datasheet HTML 12Page - STMicroelectronics M24M01 Datasheet HTML 13Page - STMicroelectronics M24M01 Datasheet HTML 14Page - STMicroelectronics M24M01 Datasheet HTML 15Page - STMicroelectronics M24M01 Datasheet HTML 16Page - STMicroelectronics M24M01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
M24M01
Table 9. Power-Up Timing and Vth Threshold
Note: 1. These parameters are characterized only.
Table 10. DC Characteristics (M24M01-V)
Table 11. DC Characteristics (M24M01-S)
Symbol
Parameter
Test Condition1
Min.
Max.
Unit
tPU
Time delay to Read or Write instruction
200
µs
Vth
Threshold Voltage
1.1
1.4
V
Symbol
Parameter
Test Condition
(in addition to those in Table 5)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E1, E2, WC)
VIN = VSS or VCC
± 1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =3.6V, fc=400kHz (rise/fall time < 30ns)
2mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC , 2.7 V
≤ VCC ≤ 3.6 V
2
µA
VIL
Input Low Voltage
(E1, E2, SCL, SDA, WC)
– 0.3
0.3VCC
V
VIH
Input High Voltage
(E1, E2, SCL, SDA, WC)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2.5 mA, 2.7 V
≤ VCC ≤ 3.6 V
0.4
V
Symbol
Parameter
Test Condition
(in addition to those in Table 6)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E1, E2, WC)
VIN = VSS or VCC
± 1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =3.6V, fc=400kHz (rise/fall time < 30ns)
2mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC , VCC=3.6 V
2
µA
VIL
Input Low Voltage
(E1, E2, SCL, SDA, WC)
– 0.3
0.3VCC
V
VIH
Input High Voltage
(E1, E2, SCL, SDA, WC)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2.5 mA, 2.7 V
≤ VCC ≤ 3.6 V
0.4
V
RL = 2.2 k
Ω, 1.8 V ≤ VCC ≤ 3.6 V
0.2VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com