Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M24M01
Description  1 Mbit Serial I²C Bus EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01 Datasheet(HTML) 2 Page - STMicroelectronics

  M24M01 Datasheet HTML 1Page - STMicroelectronics M24M01 Datasheet HTML 2Page - STMicroelectronics M24M01 Datasheet HTML 3Page - STMicroelectronics M24M01 Datasheet HTML 4Page - STMicroelectronics M24M01 Datasheet HTML 5Page - STMicroelectronics M24M01 Datasheet HTML 6Page - STMicroelectronics M24M01 Datasheet HTML 7Page - STMicroelectronics M24M01 Datasheet HTML 8Page - STMicroelectronics M24M01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
M24M01
2/19
SUMMARY DESCRIPTION
The M24M01 is a 1 Mbit (131,072 x 8) electrically
erasable programmable memory (EEPROM) ac-
cessed by an I2C-compatible bus.
Figure 2. Logic Diagram
Table 1. Signal Names
These devices are compatible with the I2C memo-
ry protocol. This is a two wire serial interface that
uses a bi-directional data bus and serial clock. The
devices carry a built-in 4-bit Device Type Identifier
code (1010) in accordance with the I2C bus defini-
tion.
The device behaves as a slave in the I2C protocol,
with all memory operations synchronized by the
serial clock. Read and Write operations are initiat-
ed by a Start condition, generated by the bus mas-
ter. The Start condition is followed by a Device
Select Code and RW bit (as described in Table 2),
terminated by an acknowledge bit.
When writing data to the memory, the device in-
serts an acknowledge bit during the 9th bit time,
following the bus master’s 8-bit transmission.
When data is read by the bus master, the bus
master acknowledges the receipt of the data byte
in the same way. Data transfers are terminated by
a Stop condition after an Ack for Write, and after a
NoAck for Read.
Figure 3. LGA Connections
Note: 1. DU = Don’t Use (should be left unconnected, or tied to
VSS)
Power On Reset: VCC Lock-Out Write Protect
In order to prevent data corruption and inadvertent
Write operations during Power-up, a Power On
Reset (POR) circuit is included. The internal reset
is held active until VCC has reached the POR
threshold value, and all operations are disabled –
the device will not respond to any command. In the
same way, when VCC drops from the operating
voltage, below the POR threshold value, all oper-
ations are disabled and the device will not respond
to any command. A stable and valid VCC must be
applied before applying any logic signal.
When the power supply is turned on, VCC rises
from VSS to VCC(min), passing through a value Vth
in between. The device ignores all instructions un-
til a time delay of tPU has elapsed after the mo-
ment that VCC rises above the Vth threshold.
However, the correct operation of the device is not
guaranteed if, by this time, VCC is still below
VCC(min).No instructions should be sent until the
later of:
–tPU after VCC passed the Vth threshold
–VCC passed the VCC(min) level
These values are specified in Table 9.
E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
AI04048B
SDA
VCC
M24M01
WC
SCL
VSS
2
E1-E2
SDA
VSS
SCL
WC
E1
DU
VCC
E2
AI04051C
M24M01
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com