Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4964-2M Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 29Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 30Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 31Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 32Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 33Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 34Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 35Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 36Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
33
TLE/TLI/TLV49x6 family
High-precision Hall switches
The TLE49x6, TLI49x6, and the TLV49x6 family comprises high-precision, unipolar Hall-effect switches and latches for
different magnetic sensitivities. TLE/TLI/TLV49x6 products have proven successful in many automotive, industrial and
consumer applications. The family includes two-wire sensors with a current interface.
Features
› Broad, successful family concept
› Best in class quality
› Chopped Hall system for high sensitivity
› High jitter performance
› SMD and leaded packages
› Open collector or current interface
› Temperature compensation
› Up to 18 V supply
› Dedicated products for industrial (TLI49x6) and consumer
applications (TLV49x6)
› AEC-Q100 qualified (TLE products)
Product
Type
Operating point
BOP [mT]
Release point
BRP [mT]
Hysteresis
ΔBHY [mT]
Automotive
Industrial
Consumer
Package
TLE4906K/L
Unipolar switch
10.0
8.5
1.5
l
l
l
SC59/SSO-3-2
TLE4906-2K
Unipolar switch
18.0
12.5
5.5
l
l
l
SC59
TLE4906-3K
Unipolar switch
28.0
22.5
5.5
l
l
l
SC59
TLE4946K
Latch
14.0
-14.0
28.0
l
l
l
SC59
TLE4946-1L
Latch
15.0
-15.0
30.0
l
l
l
SSO-3-2
TLE4946-2K/L
Latch
2.0
-2.0
4.0
l
l
l
SC59/SSO-3-2
TLE4976L
Unipolar switch/
Current interface
6.0
4.0
2.0
l
l
l
SSO-3-2
TLE4976-1K
Unipolar switch/
Current interface
9.25
7.25
2.0
l
l
l
SC59
TLE4976-2K
Unipolar switch/
Current interface
4.5
2.7
1.8
l
l
l
SC59
TLV4946-2K
Unipolar switch
18.0
12.5
5.5
–
–
l
SC59
TLV4976-2K
Unipolar switch /
Current interface
4.5
2.7
1.8
–
–
l
SC59
Applications
› Power closing
› Gear stick
› Seat belt
› HVAC flap
› BLDC commutation
› 2-wheeler applications
www.infineon.com/hall-switches
Hall switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com