Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4964-2M Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 41Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 42Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 43Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 44Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 45Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 46Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 47Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 48Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
45
Angle sensors
TLE5309D
Dual angle sensor combining iAMR and iGMR technology
Combined iAMR and iGMR based angle sensors
The TLE5309D is a diverse redundant angle sensor with analog outputs. It com-
bines a Giant Magneto Resistance (GMR) sensor for full 360° angle range with
an Anistropic Magneto Resistance (AMR) sensor for high precision in a flipped
configuration in one package. Sine and cosine angle components of a rotating
magnetic field are measured by Magneto Resistive (MR) elements. The sensors
provide analog sine and cosine output voltages that describe the magnetic angle
in a range of 0 to 180° (AMR sensor), and 0 to 360° (GMR sensor), respectively.
The differential MR bridge signals are independent of the magnetic field strength, and the analog output is designed for
differential or single ended applications.
The output voltages are designed to use the dynamic range of an A/D-converter using the same supply as the sensor as
voltage reference. Both sensor ICs are supplied independently by separate supply and ground pins.
Summary of features
› Separate supply pins for AMR and GMR sensor
› Diverse redundant design with one GMR sensor (top die) and one AMR sensor (bottom die) in one package
› Low current consumption and very fast start up
› 360° contactless angle measurement
› Immune to airgap variations due to MR based sensing principle
› Operating temperature: -40°C to 125°C (ambient temperature)
Potential applications
The TLE5309D angle sensor is designed for angular position sensing in safety critical automotive applications. Its high accuracy and
360° measurement range combined with short propagation delay makes it suitable for systems with high speeds and high accuracy de-
mands such as brush-less DC (BLDC) motors for actuators and electric power steering systems (EPS). At the same time its fast start-up
time and low overall power consumption enables the device to be employed for low-power turn counting. Extremely low power con-
sumption can be achieved with power cycling, where the advantage of fast power on time reduces the average power consumption.
› BLDC motors for electric power steering (EPS)
› Low-power turn counter
Low power IC
(always on)
ECU
AMR sensor
EPS rotor
Sensor magnet
Turn info, position for
plausibilization
Turn count,
plausibilization angle
Supply
Supply
Rotor position for motor commutation
GMR sensor
TLE5309D
Diagnostic functions in combination with iAMR and iGMR diversity supports ASIL D applications
www.infineon.com/angle-sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com