Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # MSS
Description  Snap Strips For Mounting Miniature MPJ Panel Jacks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

MSS Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  MSS Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Snap Strips
For Mounting Miniature
MPJ Panel Jacks
U
One Cutout Fits up
to 12 Connectors
U
Easy Installation
U
No Loose Mounting
Hardware
U
Assembles Into One
Handy Unit
To Order Visit omega.com/mss_series for Pricing and Details
Number of
Cutout
Model
Positions
H x L in mm (inch)
Number
2
20.1 x 24.9 (0.79 x 0.98)
MSS-02
4
20.1 x 53.3 (0.79 x 2.10)
MSS-04
6
20.1 x 82.0 (0.79 x 3.23)
MSS-06
8
20.1 x 110.5 (0.79 x 4.35)
MSS-08
10
20.1 x 139.2 (0.79 x 5.48)
MSS-10
12
20.1 x 167.6 (0.79 x 6.60)
MSS-12
For
console
mounting
Aluminum Panel and Miniature
Connector Jacks Shown are
Not Included
Easy to attach
wires after
assembly
Back view
of panel
The Snap Strip is an alternate
mounting method when two or
more miniature panel jacks are
to be installed in a row. Only
a single rectangular opening
is required to mount any even
number of connectors. Just
snap the MPJ connectors in
and then snap the assembly
into the panel. The black
nylon Snap Strip accepts all
calibrations of MPJ connectors.
L
H
Miniature
connectors
MSS-06 shown
For complete miniature panel jack
assemblies see omega.com/.
Order our Dust Caps
(MPJ-CAP-12 pkg of 12)
to keep your panel jack connector
input clean when not in use!
Note: SMP Connectors are not included.
Ordering Example: MSS-02, snap strip for mounting miniature MPJ panel jacks.
G-46
G
Mini-Jacks
Snap Into Strip...
Strip Snaps Into
Panel
Snap In!
Up To 12
Positions
1-10 ....................................................
Net
11-24 ..................................................
10%
25-49 ..................................................
15%
50-99 ..................................................
20%
100 and over.......................................
25%
Discount Schedule
MSS Series


Similar Part No. - MSS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSS MACOM-MSS Datasheet
361Kb / 7P
Slide Switches, Instrumentation Grade
logo
Lorlin Electronics Ltd.
MSS LORLIN-MSS Datasheet
276Kb / 1P
MS2000 ROTARY SWITCH MODULE
logo
Arista Networks, Inc
MSS ARISTA-MSS Datasheet
949Kb / 4P
Arista Networks Multi-Domain Segmentation Services (MSS) For Zero Trust Networking
April 23, 2024
logo
Phoenix Mecano S.E. Asi...
MSS 11 BOPLA-MSS 11 Datasheet
2Mb / 22P
Cable glands / General Accessories
MSS 13 BOPLA-MSS 13 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - MSS

ManufacturerPart #DatasheetDescription
logo
ODU GmbH & Co.KG
GABMFG-P19LY19-0071 ODU-GABMFG-P19LY19-0071 Datasheet
467Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GABMFG-P41LCD9-0071 ODU-GABMFG-P41LCD9-0071 Datasheet
518Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GDBMFG-P19LY19-0071 ODU-GDBMFG-P19LY19-0071 Datasheet
461Kb / 2P
ODU MEDI-SNAP®, Receptacle for rear panel mounting
230221
GDBMFG-P41LCD9-0071 ODU-GDBMFG-P41LCD9-0071 Datasheet
517Kb / 2P
ODU MEDI-SNAP®, Receptacle for rear panel mounting
230221
GXBMFG-P04LTS0-0001 ODU-GXBMFG-P04LTS0-0001 Datasheet
419Kb / 2P
ODU MEDI-SNAP®, Receptacle for rear panel mounting
230221
GXBMFG-P04LTS0-0003 ODU-GXBMFG-P04LTS0-0003 Datasheet
419Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P18LJH0-0001 ODU-GXBMFG-P18LJH0-0001 Datasheet
439Kb / 2P
ODU MEDI-SNAP®, Receptacle for rear panel mounting
230221
GXBMFG-P18LJH0-0002 ODU-GXBMFG-P18LJH0-0002 Datasheet
439Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
GXBMFG-P22LFG0-0001 ODU-GXBMFG-P22LFG0-0001 Datasheet
437Kb / 2P
ODU MEDI-SNAP®, Receptacle for rear panel mounting
230221
GXBMFG-P22LFG0-0002 ODU-GXBMFG-P22LFG0-0002 Datasheet
438Kb / 2P
ODU MEDI-SNAP®, Receptacle for front panel mounting
230221
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com