Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M25P05
Description  512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P05 Datasheet(HTML) 2 Page - STMicroelectronics

  M25P05 Datasheet HTML 1Page - STMicroelectronics M25P05 Datasheet HTML 2Page - STMicroelectronics M25P05 Datasheet HTML 3Page - STMicroelectronics M25P05 Datasheet HTML 4Page - STMicroelectronics M25P05 Datasheet HTML 5Page - STMicroelectronics M25P05 Datasheet HTML 6Page - STMicroelectronics M25P05 Datasheet HTML 7Page - STMicroelectronics M25P05 Datasheet HTML 8Page - STMicroelectronics M25P05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
M25P05
2/32
SUMMARY DESCRIPTION
The M25P05 is a 512 Kbit (64K x 8) Serial Flash
Memory, with advanced write protection mecha-
nisms, accessed by a high speed SPI-compatible
bus.
The memory can be programmed 1 to 128 bytes at
a time, using the Page Program instruction.
The memory is organized as 2 sectors, each con-
taining 256 pages. Each page is 128 bytes wide.
Thus, the whole memory can be viewed as con-
sisting of 512 pages, or 65536 bytes.
The whole memory can be erased using the Bulk
Erase instruction, or a sector at a time, using the
Sector Erase instruction.
Figure 2. Logic Diagram
Figure 3. SO Connections
Table 1. Signal Names
AI04037
S
VCC
M25P05
HOLD
VSS
W
Q
C
D
1
AI04038
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W
M25P05
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com