Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P05 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M25P05
Description  512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P05 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M25P05 Datasheet HTML 18Page - STMicroelectronics M25P05 Datasheet HTML 19Page - STMicroelectronics M25P05 Datasheet HTML 20Page - STMicroelectronics M25P05 Datasheet HTML 21Page - STMicroelectronics M25P05 Datasheet HTML 22Page - STMicroelectronics M25P05 Datasheet HTML 23Page - STMicroelectronics M25P05 Datasheet HTML 24Page - STMicroelectronics M25P05 Datasheet HTML 25Page - STMicroelectronics M25P05 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
M25P05
22/32
Power-down
At Power-up and Power-down, the device must
not be selected (that is Chip Select (S) must follow
the voltage applied on VCC) until VCC reaches the
correct value:
–VCC(min) at Power-up
–VSS at Power-down
A simple pull-up resistor on Chip Select (S) can be
used to insure safe and proper Power-up and
Power-down.
INITIAL DELIVERY STATE
The device is delivered with the memory array
erased: all bits are set to 1 (each byte contains
FFh). The Status Register contains 00h (all Status
Register bits are 0).
Table 8. Initial Status Register Format
b7
b0
0
0
0
0
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com