Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5030-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L5030-AF5-R
Description  BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5030-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L5030-AF5-R Datasheet HTML 1Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 2Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 3Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 4Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 5Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 6Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L5030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R125-001.
B
DEVICE DESCRIPTION
The UTC L5030 is designed to supply a constant current to the external load, the circuit be powered a battery
supply. An external transistor is required for LED application. The UTC L5030 guarantees the start up voltage as low
as 0.92V and remains operation down to 0.8V.
The basic structure of UTC L5030 is a step-up DC/DC converter. It offers a Pulse Frequency Modulation (PFM)
operation, which controls the constant OFF time (1.7µs typically) for external transistor at the 200KHz maximum
frequency.
The external switching transistor is ON and kept on until the voltage across the current-sense resistor which is
connected in series with the emitter of the switching transistor exceeds the ISENSE input threshold (19mV). The
transistor is shut OFF and the energy stored in inductor is discharged when ISENSE input threshold exceeds 19mV.
Once the discharge cycle is completed, the external transistor is ON again. This charging and discharging sequence
will repeat and trigger the external transistor regardless the inductor current value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com