Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5030-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L5030-AF5-R
Description  BOOST-UP VOLTAGE CONVERTER FOR LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5030-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L5030-AF5-R Datasheet HTML 1Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 2Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 3Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 4Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 5Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 6Page - Unisonic Technologies L5030-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L5030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R125-001.
B
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3 ~ 10
V
Input Voltage
-0.3 ~ VCC+0.3
V
Power Dissipation
PD
450
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=1.5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
DC PARAMETERS
(Ta=25°C, unless otherwise specified.)
Recommended Supply Voltage
VCC
0.8
8
V
Minimum Startup Voltage
VSU(MIN)
IDRIVE=-600µA, VDRIVE=0.7V
0.8
0.92
V
High
VISENSE = 0V, IVDRIVE =-0.5mA
VCC-0.3
VCC
V
Drive Voltage
Low
VVDRIVE
VISENSE = 50mV, IVDRIVE = 5mA
0
0.2
V
ISENSE Threshold Voltage
VISENSE
14
19
24
mV
Efficiency(Note 1)
η
88
92
%
Quiescent Current(Note 2)
IQ
0.2
mA
VDRIVE Output Current
IVDRIVE
VDRIVE = 0.7V, VISENSE = 0V
1.5
3.6
mA
Supply Current(Note 3)
ICC
VDRIVE = 0.7V, VISENSE =0V
2
4
mA
ISENSE Voltage Temp Co.(Note 2)
TCVISENSE
0.4
%/°C
ISENSE Input Current
IISENSE
VISENSE = 0V
0
-30
-65
µA
AC PARAMETERS
(Note 2) (Ta = 0 ~ 70°C, unless otherwise specified)
Discharge Pulse Width
TDRV
1.2
1.7
3.2
µs
PFM Operating Frequency (Note 4)
FOSC
200
kHz
Note 1. The application dependent, please see reference designs.
2. These parameters are guaranteed by design.
3. See typical characteristics. The total supply current =IQ + IVDRIVE,
4. See applications section. Operating frequency is application circuit dependent.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com