Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS7001 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MF1ICS7001
Description  Standard 4Kbyte card IC sawn wafer on UV-tape addendum
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MF1ICS7001 Datasheet(HTML) 4 Page - NXP Semiconductors

  MF1ICS7001 Datasheet HTML 1Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 2Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 3Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 4Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 5Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 6Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
101731
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.1 — 18 April 2007
4 of 7
NXP Semiconductors
MF1 IC S70 01
Standard 4Kbyte card IC
6. Chip orientation and bond pad locations
Fig 1. Chip orientation and bond pad locations
PAD location
1
x[µm]
y[ µm]
VSS( 108 x 108)
2
-1.1
1091.9
TESTIO( 95 x 110)
0.0
0.0
LA(118 x118)
223.4
1.7
LB( 118 x118)
1160..9
1081.9
1)
Reference point :
Lower left corner of pad
.
2)
Pad size in µm
(1 ) x - Scribeline width
86. 4 µm
(5 ) LA pad edge to chip edgey -length
28. 6µm
(2 ) y - Scribeline width
86. 4 µm
(6 )
LA pad edge to chip edge - length
251. 8µm
(3 ) Chip step,x- length
. 42 mm
26. 8µm
(4 ) Chip step,y- length
1. 34mm
26. 2µm
(5)
TESTIO
(1)
X
Y
(4)
(3)
(2)
LA
(6)
VSS
(7)
(8)
LB
Widths and lengths are measured from metal to metal
( top layer).
(7 ) LB pad edge to chip edgey - length
(8 ) LB pad edge to chip edgex - length
1
x



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com