Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS7001 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MF1ICS7001
Description  Standard 4Kbyte card IC sawn wafer on UV-tape addendum
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MF1ICS7001 Datasheet(HTML) 3 Page - NXP Semiconductors

  MF1ICS7001 Datasheet HTML 1Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 2Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 3Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 4Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 5Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 6Page - NXP Semiconductors MF1ICS7001 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
101731
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.1 — 18 April 2007
3 of 7
NXP Semiconductors
MF1 IC S70 01
Standard 4Kbyte card IC
4. Limiting values
[1]
Stresses above one or more of the limiting values may cause permanent damage to the device
[2]
These are stress ratings only. Operation of the device at these or any other conditions above those given in
the Characteristics section of the specification is not implied
[3]
Exposure to limiting values for extended periods may affect device reliability
[4]
MIL Standard 883-C method 3015; Human body model: C = 100 pF, R = 1.5 kW
5. Characteristics
[1]
Stresses above one or more of the limiting values may cause permanent damage to the device
[2]
These are stress ratings only. Operation of the device at these or any other conditions above those given in
the Characteristics section of the specification is not implied
[3]
Exposure to limiting values for extended periods may affect device reliability
Table 2.
Limiting values[1][2][3]
In accordance with the Absolute Maximum Rating System (IEC 134)
Symbol
Parameter
Min
Max
Unit
IIN
Input Current
-
30
mA
Ptot
Total power dissipation per package
-
200
mW
Tstg
Storage temperature range
-55
+125
°C
Tamb
Operating temperature
-25
70
°C
VESD
electrostatic discharge voltage LA-LB [4]
2kV
ILU
Latch-up current
± 100
mA
Table 3.
Electrical characteristics [1][2][3]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fIN
input frequency
-
13.56
-
MHz
CIN
Input capacitance
(LCR meter HP4258)
22
°C, Cp-D,
13.56 MHz, 2 V
14.4
16.1
17.4
pF
tW
EEPROM write time
-
2.9
-
ms
tRET
EEPROM data
retention
10
years
NWE
EEPROM write
endurance
105
cycles



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com