Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC7410_1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
21
Electrical and Thermal Characteristics
Figure 8 shows the L2 bus input timing diagrams for the MPC7410.
Figure 8. L2 Bus Input Timing Diagrams
Figure 9 shows the L2 bus output timing diagrams for the MPC7410.
Figure 9. L2 Bus Output Timing Diagrams
Figure 10 provides the AC test load for L2 interface of the MPC7410.
Figure 10. AC Test Load for the L2 Interface
4.2.5
IEEE 1149.1 AC Timing Specifications
Table 11 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure 12 through Figure 15.
Table 11. JTAG AC Timing Specifications (Independent of SYSCLK) 1
At recommended operating conditions (see Table 3)
Parameter
Symbol
Min
Max
Unit
Notes
TCK frequency of operation
fTCLK
0
33.3
MHz
—
TCK cycle time
t TCLK
30
—
ns
—
TCK clock pulse width measured at OVDD/2
tJHJL
15
—
ns
—
TCK rise and fall times
tJR and tJF
02
ns
—
L2SYNC_IN
VM
VM = Midpoint Voltage (L2OVDD/2)
tDVL2CH
tDXL2CH
tL2CR
tL2CF
L2 Data and
Inputs
Data Parity
L2SYNC_IN
All Outputs
VM
VM = Midpoint Voltage (L2OVDD/2)
tL2CHOV
tL2CHOX
VM
L2DATA Bus
tL2CHOZ
Output
Z0 = 50 Ω
L2OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com