Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC7410_1 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
49
Document Revision History
5
4/13/2005
Section numbering revised. In all previous versions, section numbering began with ‘1.’ These extra
‘1’s’ were deleted. For example, previously numbered section 1.8.2 changed to 8.2.
Section 7.1—added CTE value for HCTE package. Corrected minimum module height from 2.65 mm
to 2.72 mm per Figure 17.
Section 3—added HCTE_LGA (VS package descriptor) package description which is the
HCTE_CBGA (HX package descriptor) with the spheres removed.
Table 4—generalized ‘HCTE CBGA’ column to ‘HCTE’ to include both HCTE_CBGA and HCTE_LGA
package thermal characteristics.
Section 5—added HCTE_LGA package. The HCTE_LGA has the same pin assignments as the
CBGA and HCTE_CBGA packages. Added side view Part C for HCTE_LGA.
Section 6—added HCTE_LGA package (VS package descriptor). The HCTE_LGA has the same
pinout listing as the CBGA and HCTE packages.
Section 7.3—added HCTE_LGA package parameters.
Section 7.4—added HCTE_LGA package mechanical dimensions.
Table 17—added HCTE_LGA package (VS package descriptor) to part numbering nomenclature.
4
—
Table 5—Changed measurement test condition IOH from -6mA to –5 mA for VOH and IOL from 6 mA
to 5 mA for VOL per Product Bulletin.
Section 1.8.2—revised text regarding AVDD filter selection for the CBGA package.
3
—
Table 6—Changed note 1 to specify that OVDD and L2OVDD power is typically <5% of VDD power.
Figure 17—revised diagram and dimensions to specify ‘cap regions’ versus individual cap
measurements. Moved individual capacitor placement to separate figure.
Figure 18—Added this figure to show each individual capacitor placement and value.
Figure 22—updated COP Connector Diagram to recommend a weak pull-up resistor on TCK.
2
—
Public release, includes Rev 1.1 changes.
Section 1.7.2—added package capacitor values.
Section 1.8.6—added recommendation that strong pull-up/down resistors be used on the
PLL_CFG[0:3] signals.
Table 8—removed mode input setup and hold times. These inputs adhere to the general input setup
and hold specifications.
Figure 5—revised mode input diagram to show sample points around HRESET negation.
Section 1.3—added HCTE package description.
Figure 22—added note 6 to emphasize that COP emulator and target board need to be able to drive
HRESET and TRST independently to the CPU.
Section 1.8.2—revised section for HCTE package. Added text and figure for AVDD filter for the CBGA
package.
Section 1.8.6—removed AACK, TEA, and TS from control signals requiring pull-ups. Removed TBST
from snooped transfer attribute list. TBST is an output and is not snooped.
Table 16. Document Revision History (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com