Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAP3301F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PHAP3301F
Description  Tact switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3301F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PHAP3301F Datasheet HTML 3Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
APEM
www.apem.com
C-9
PHAP33 series
SMT tact switches
Microminiature - 6 x 3,5 mm case
C
PACKAGING
(.157)
4.00
(.059 DIA)
Ø1.50
3.60
(.141)
(.079)
2.00
8.00
(.314)
(.709)
2.00
(.079)
18.00
Ø13.00
(.512 DIA)
Ø330.00
(13.00 DIA)
LABEL
Vertical mounting
(.098)
(.039)
1.00
1.50
(.059)
L
3.50
(.138)
(.016)
0.40
(.138)
3.50
(.012)
0.30
2.00
1
2
1
2
Model No
Dim. «L»
PHAP3361
4,3 mm
PHAP3361A
5,0 mm
Horizontal mounting
3.00
(.118)
(.059)
1.50
1.75
(.069)
6.90
(.272)
(.307)
7.80
(.165)
4.20
(.024)
0.60
(.130)
3.30
(.209)
5.30
1.45
(.057)
(.035)
0.90
1
2
4
3
1
2
4
3
Model No
PHAP3355R
For tape and reel packaging, add “R” at the end of model number.
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm
• Ultra-compact size for board space saving : 6 x 3,5 mm case,
4,3 or 5 mm button height from PCB
• Right angle version available
Quantity per reel :
PHAP3361R : 1.800 pieces
PHAP3361AR : 1.800 pieces
PHAP3355R : 2.000 pieces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com