Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHAP3301F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PHAP3301F
Description  Tact switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3301F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PHAP3301F Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 10Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 11Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 12Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
APEM
www.apem.com
C-11
PHAP33 series
SMT tact switches
6 x 6 mm case
C
Edge of PCB mounting
12.00
(.472)
(.177)
4.50
0.70
(.027)
(.137 DIA)
Ø3.50
3
4
2
1
1
2
3
4
(.177)
4.50
(.551)
14.00
(.275)
7.00
(.090 DIA)
Ø2.30
(.034)
0.80
• 4,3 to 13 mm button height from PCB
• Excellent tactile feedback (snap dome)
• Standard PCB layout
• Caps for model with square actuator
4.00
(.157 SQ)
(.217)
5.50
(.110)
2.80
5.50
(.217)
(.110)
2.80
(.177 DIA)
Ø4.50
U5520
square
U5530
round
Cap colours
: 1 : blue - 2 : black - 3 : green
5 : yellow - 6 : red - 7 : ivory
Round actuator
Model No
Dim. «L»
Actuator colour
PHAP3368
4,3 mm
black/white
PHAP3368A
5,0 mm
black/white
PHAP3368B
9,5 mm
black
PHAP3368C
8,0 mm
white
PHAP3368D
13,0 mm
black
PHAP3368E
7,3 mm
ivory
PHAP3368F
8,5 mm
grey
(.177)
4.50
0.70
(.027)
(.236)
6.00
L
(.137)
3.50
0.40
(.016)
(.177)
4.50
(.055)
1.40
1
2
2
1
4
3
4
3
Operating force : 1,6N ± 0,5N - Travel : 0,25 mm
Operating force : 1,6N ± 0,5N - Travel : 0,25 mm
Quantity per reel : 650 pieces
Square actuator
Model No
PHAP3368T
3
4
3
4
1
2
2
1
1.40
(.055)
4.50
(.177)
(.016)
0.40
3.60
(.142)
6.00
(.236)
(.027)
0.70
4.50
(.177)
2.40
(.094)
(.291)
7.40
Operating force : 1,6N ± 0,5N - Travel : 0,25 mm
Model No
PHAP3305ASR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com