Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17517 Datasheet(PDF) 1 Page - Volex plc.

Part # 17517
Description  3 conductor plastic original equipment cords
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLEX [Volex plc.]
Direct Link  https://www.volex.com/
Logo VOLEX - Volex plc.

17517 Datasheet(HTML) 1 Page - Volex plc.

  17517 Datasheet HTML 1Page - Volex plc. 17517 Datasheet HTML 2Page - Volex plc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Selected Cable: 17517
End View
Plug
Cord
Connector
End View
5-15P
173
SJT
3-OJS
NONE
Part Number
17517
Category
3 conductor plastic original
equipment cords
Subcategory
original equipment cords
Shielding
unshielded
Jacket Color
black
Length Feet
9'10
Length Meters
3
Temperature Rating
60 C°C
Packaging Units Per Carton H-50,H-25
Color Coding
International
AWG Stranding
14 (41x30)
Nominal OD Inch
0.38
Nominal OD millimeter
9.65
Rating
1875 Watts,15A-125V
Notes
see 17515 for 16 gauge version. See
17516 for 6'7" version.
Cord View
Approvals


Similar Part No. - 17517

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17517 FREESCALE-17517 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
logo
PHOENIX CONTACT
1751707 PHOENIX-1751707 Datasheet
41Kb / 2P
Printed-circuit board connector - ZEC 1,0/10-LPV-3,5 GY35AUC2CI1
logo
List of Unclassifed Man...
1751710B1 ETC2-1751710B1 Datasheet
57Kb / 2P
CORDSET
logo
PHOENIX CONTACT
1751723 PHOENIX-1751723 Datasheet
239Kb / 8P
ZFKDSA 1-V-3,81- 3 - PCB terminal block
logo
ERNI Electronics
175173 ERNI-175173 Datasheet
42Kb / 1P
MaxiBridge Standardkabelkonfektionen
More results

Similar Description - 17517

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02332.70.01 GENERAL-02332.70.01 Datasheet
73Kb / 1P
Pro Flex짰 Rubber Extension Cords 3-Conductor Grounded . Type SJ . 60?C . 300 Volts
03302.63.04 GENERAL-03302.63.04 Datasheet
71Kb / 1P
Safety Orange Extension Cords 3-Conductor Grounded . Type SJTW . -40쨘C to 60?C . 300 Volts
03390.63.05 GENERAL-03390.63.05 Datasheet
64Kb / 1P
Lifetime Plus짰 Super Flex짰 Lighted Extension Cords 3-Conductor Grounded . Type SJTW . -50쨘C to 60?C . 300 Volts
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
International Power Cords
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
Replacement Power Cords
logo
Alpha Wire
537BK078 ALPHAWIRE-537BK078 Datasheet
74Kb / 2P
125 V Detachable Power Supply Cords 3-Conductor
550FBK078 ALPHAWIRE-550FBK078 Datasheet
71Kb / 2P
125 V Detachable Power Supply Cords 3-Conductor
777BSL076 ALPHAWIRE-777BSL076 Datasheet
72Kb / 2P
125 V Power Cords 3-Conductor
782BK078 ALPHAWIRE-782BK078 Datasheet
72Kb / 2P
125 V Power Cords 3-Conductor
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com