Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSC02 Datasheet(PDF) 1 Page - SIWARD Crystal Technology Co., Ltd.

Part # OSC02
Description  CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIWARD [SIWARD Crystal Technology Co., Ltd.]
Direct Link  https://www.siward.com/en
Logo SIWARD - SIWARD Crystal Technology Co., Ltd.

OSC02 Datasheet(HTML) 1 Page - SIWARD Crystal Technology Co., Ltd.

  OSC02 Datasheet HTML 1Page - SIWARD Crystal Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Applications
Features
˙WiMAX、Bluetooth
˙Samll ceramic package / Dimensions ( 1.6 x 1.2 x 0.7 )
˙Low current consumption
˙CMOS output / with Tri-state function
Specifications
±50 ppm @-40~+105 ℃,+25 ℃ as the reference
Power supply voltage
1.8V DC±10%
2.5V DC±10%
3.3V DC±10%
2.5mA max@∼20M
5mA max@∼20M
6mA max@∼20M
5mA max@∼54M
8mA max@∼54M
9mA max@∼54M
Output level
Load
15 pF.
Output voltage level
Rise & Fall time
Package quantity : 3,000pcs max./Reel
Outline and Dimensions [unit: mm]
Land Pattern(REFERENCE)
7ns max.@10%Vcc ∼ 90%Vcc
Duty cycle
45%
∼55% at 50%Vcc
Start-up time
5ms max.
Phase Jitter
1.0ps max.@12KHz to 20MHz
VOL: 10%Vcc max. / VOH: 90%Vcc min.
Storage temperature range
-55
∼ +125 ℃
Operating temperature range
-40
∼ +125 ℃
Frequency stability
±25ppm / ±50ppm
Frequency Temp. Characteristics
Current consumption
C-MOS
Nominal frequency
5~60.0MHz
CRYSTAL OSCILLATOR
OSC02
Model
OSC02


Similar Part No. - OSC02

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
OSC YIC-OSC Datasheet
291Kb / 1P
OSC Series : Half Size (8Pin) , Full Size (14Pin)
logo
France Joint
OSC FRANCEJOINT-OSC Datasheet
410Kb / 5P
INVERTED SHAFT SEALS
logo
Advanced Semiconductor
OSC-0.3C ASI-OSC-0.3C Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
OSC-0.7L ASI-OSC-0.7L Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
OSC-03C ASI-OSC-03C Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - OSC02

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Epson ToYoCom
EG-2002CA EPSONTOYOCOM-EG-2002CA Datasheet
325Kb / 2P
CRYSTAL OSCILLATOR
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-2600-ACA-BA VECTRON-PX-2600-ACA-BA Datasheet
265Kb / 4P
Crystal Oscillator
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
Crystal Oscillator
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
Crystal Oscillator
logo
NIHON DEMPA KOGYO
7311S-DF-104P NDK-7311S-DF-104P Datasheet
469Kb / 2P
Crystal Oscillator
logo
Epson ToYoCom
SG-3031CM EPSONTOYOCOM-SG-3031CM Datasheet
503Kb / 2P
Crystal Oscillator
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com