Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSXXXAF Datasheet(PDF) 8 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 8 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 4Page - Numonyx B.V SMSXXXAF Datasheet HTML 5Page - Numonyx B.V SMSXXXAF Datasheet HTML 6Page - Numonyx B.V SMSXXXAF Datasheet HTML 7Page - Numonyx B.V SMSXXXAF Datasheet HTML 8Page - Numonyx B.V SMSXXXAF Datasheet HTML 9Page - Numonyx B.V SMSXXXAF Datasheet HTML 10Page - Numonyx B.V SMSXXXAF Datasheet HTML 11Page - Numonyx B.V SMSXXXAF Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Description
SMSxxxAF, SMSxxxFF, SMSxxxBF
8/61
1
Description
The Secure Digital Memory Card (SD Memory Card) is a Flash-Based Memory Card. It is
specifically designed to meet the security, capacity, performance and environmental
requirements of the latest-generation audio and video consumer electronic devices, that is
mobile phones, digital cameras, digital recorders, PDAs, organizers, electronic toys, etc.
The Secure Digital Memory Card is a high-mobility, high-performance, low-cost and low-
power consumption device that features high data throughput at the memory card interface.
It includes a copyright protection mechanism that complies with the security of the SDMI
(Secure Digital Music Initiative) standard. The Secure Digital Memory Card security system
uses mutual authentication and a “cipher algorithm” that protects the card from illegal use.
Unsecured access to the user's personal content is also available.
The Secure Digital Memory Cards have an advanced communication interface designed to
operate in a low voltage range. The full-size Secure Digital Memory Card has a 9-pin
interface whereas the Mini Secure Digital Memory Card has a 11-pin interface but can be
fitted with a 9-pin adapter. Only the 9-pin interface is described in this document. The
MicroSD Memory Card has an 8-pin interface, and can also be fitted with a 9-pin adapter.
Table 2, Table 3, Table 4, Table 5, and Table 6 give an overview of the Secure Digital
Memory Card features.
In order to meet environmental requirements, the devices are offered in ECOPACK®
packages. ECOPACK packages are Lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
The SD, MiniSD and MicroSD packages are also Halogen free and Antimony free.
Related documentation
●
Secure Digital Memory Card Specifications: Part 1 Physical Layer Specification,
Version 1.01
●
MiniSd Memory Card Specifications: Addendum to SD Memory Card Specifications
Part 1 Physical layer Specification, Version 1.02
●
MicroSD Memory Card Specifications: Addendum to SD Memory Card Specifications
Part 1, Physical Layer Specification, Version 1.00
Table 2.
System performance
System performance
Max.
Typ.
Unit
Sleep to Ready
30
µs
Sustained Multiple Block Read(1)
1.
43X, 20X, 12X and 5X Speed grade markings where 1X = 150 KBytes/s.
6.3 (43X)
MBytes/s
Burst Single Block Read(1)
1.8 (12X)
MBytes/s
Sustained Multiple Block Write(1)
3.0 (20X)
MBytes/s
Burst Single Block Write(1)
0.8 (5X)
MBytes/s
Power-up to Ready
150
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com