Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMSXXXAF Datasheet(PDF) 28 Page - Numonyx B.V

Part # SMSXXXAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXAF Datasheet(HTML) 28 Page - Numonyx B.V

Back Button SMSXXXAF Datasheet HTML 24Page - Numonyx B.V SMSXXXAF Datasheet HTML 25Page - Numonyx B.V SMSXXXAF Datasheet HTML 26Page - Numonyx B.V SMSXXXAF Datasheet HTML 27Page - Numonyx B.V SMSXXXAF Datasheet HTML 28Page - Numonyx B.V SMSXXXAF Datasheet HTML 29Page - Numonyx B.V SMSXXXAF Datasheet HTML 30Page - Numonyx B.V SMSXXXAF Datasheet HTML 31Page - Numonyx B.V SMSXXXAF Datasheet HTML 32Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
SD memory card hardware interface
SMSxxxAF, SMSxxxFF, SMSxxxBF
28/61
4.3
Hot Insertion/Removal
To guarantee a reliable initialization during hot insertion, some measures must be taken on
by the host.
For example, a special hot-insertion capable card connector may be used to guarantee the
sequence of the card pin connection.
The card contacts are connected in three steps:
1.
Ground VSS (pin 3) and supply voltage VDD (pin 4).
2.
CLK, CMD, DAT0, DAT1, DAT2 and VSS (pin 6).
3.
CD / DAT3 (pin 1).
Pins 3 and 4 should be connected first on insertion, and be disconnected last on extraction.
Another method is a switch which could ensure that the power is switched on only after all
card pads are connected.
Inserting a Card in or removing it from the SD Memory Card bus with the power on will not
damage the card. Data transfer operations are protected by CRC codes, therefore any bit
changes induced by card insertion and removal can be detected by the SD Memory Card
bus master.
●
The inserted card must be properly reset even when the clock frequency is fPP.
●
Each card should be fitted with a protection from the power supply to prevent damage
to the card (and host).
●
Data transfer failures induced by removal/insertion are detected by the bus master.
They must be corrected by the application, which may repeat the issued command.
4.4
Power Protection
Cards have to be inserted in or removed from the bus without being damaged. If one of the
supply pins (VDD or VSS) is not connected properly, then the current is drawn through a data
line. All the card outputs should also be able to withstand shortcuts to either supply. If the
hot insertion feature is implemented in the host, then the host has to be able to withstand an
instant shortcut between VDD and VSS without being damaged.
4.5
Electrical Specifications
Table 16 defines the Bus Operating Conditions for the SD Memory Card. The total
capacitance CL of the CLK line of the SD Memory Card bus is the sum of the bus master
capacitance CHOST, the bus capacitance CBUS and the capacitances CCARD of all the cards
connected to this line.
CL = CHOST + CBUS + N × CCARD, where:
●
N is the number of cards connected to the line.
●
CHOST + CBUS must be lower than 30pF for up to 10 cards and lower than 40pF for up
to 30 cards.
●
The values in Table 16 should not be exceeded.
As the bus can be supplied with a variable supply voltage, all signal levels are related to the
supply voltage. See Figure 15: Bus Signal levels and Table 17: Bus Signal Condition - I/O
Signal Voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com