Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR7H35 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR7H35
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR7H35 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR7H35 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR7H35 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier
MBR7H35
www.iscsemi.com
1
FEATURES
· Guardring For Overvoltage Protection
· Low Forward Voltage Drop
· High Frequency Operation
APPLICATIONS
· DC/DC Converters
· High Frequency Rectifier
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Maximum repetitive peak reverse voltage
35
V
IF(AV)
Average Rectified Forward Current,TC= 125℃
7.5
A
IFSM
Nonrepetitive Peak Surge Current
tp = 8.3ms,single half sine-wave
150
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃
dV/dt
Voltage rate of change
10000
V/μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.0
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 7.5A ; TC= 25℃
--
0.63
V
IF= 15A ; TC= 25℃
--
0.75
V
IR
Maximum Instantaneous Reverse Current
Rated DC Voltage, TC= 25℃
--
50
uA
Rated DC Voltage, TC= 125℃
--
10
mA


Similar Part No. - MBR7H35

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
MBR7H35 VAISH-MBR7H35 Datasheet
77Kb / 3P
Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR7H35 VISHAY-MBR7H35 Datasheet
147Kb / 5P
Schottky Barrier Rectifier
19-May-08
MBR7H35 VISHAY-MBR7H35 Datasheet
121Kb / 5P
Schottky Barrier Rectifier
19-May-08
MBR7H35 VISHAY-MBR7H35_15 Datasheet
144Kb / 6P
Schottky Barrier Rectifier
15-Jun-12
More results

Similar Description - MBR7H35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com