Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AFY6 Datasheet(PDF) 58 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 58 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 54Page - Numonyx B.V SMC032AFY6 Datasheet HTML 55Page - Numonyx B.V SMC032AFY6 Datasheet HTML 56Page - Numonyx B.V SMC032AFY6 Datasheet HTML 57Page - Numonyx B.V SMC032AFY6 Datasheet HTML 58Page - Numonyx B.V SMC032AFY6 Datasheet HTML 59Page - Numonyx B.V SMC032AFY6 Datasheet HTML 60Page - Numonyx B.V SMC032AFY6 Datasheet HTML 61Page - Numonyx B.V SMC032AFY6 Datasheet HTML 62Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
CF-ATA command description
SMCxxxAF
58/82
9.5
Idle command (97h or E3h)
This command causes the card to set BSY, enter the Idle mode, clear BSY and generate an
interrupt. If the sector count is non-zero, it is interpreted as a timer count (each count is
5 ms) and the automatic power down mode is enabled. If the sector count is zero, the
automatic power-down mode is disabled. Note that this time base (5 ms) is different from
the ATA specification. Table 53 defines the byte sequence of the Idle command.
Table 53.
Idle
Bit
7
654
321
0
Command (7)
97h or E3h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
Timer Count (5 ms increments)
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com