Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032AFY6 Datasheet(PDF) 73 Page - Numonyx B.V

Part # SMC032AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032AFY6 Datasheet(HTML) 73 Page - Numonyx B.V

Back Button SMC032AFY6 Datasheet HTML 69Page - Numonyx B.V SMC032AFY6 Datasheet HTML 70Page - Numonyx B.V SMC032AFY6 Datasheet HTML 71Page - Numonyx B.V SMC032AFY6 Datasheet HTML 72Page - Numonyx B.V SMC032AFY6 Datasheet HTML 73Page - Numonyx B.V SMC032AFY6 Datasheet HTML 74Page - Numonyx B.V SMC032AFY6 Datasheet HTML 75Page - Numonyx B.V SMC032AFY6 Datasheet HTML 76Page - Numonyx B.V SMC032AFY6 Datasheet HTML 77Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
SMCxxxAF
CF-ATA command description
73/82
9.27
Write Sector(s) without Erase command (38h)
This command is similar to the Write Sector(s) command with the exception that an implied
erase before write operation is not performed. This command has the same protocol as the
Write Sector(s) command. The sectors should be pre-erased with the Erase Sector(s)
command before this command is issued. If the sector is not pre-erased a normal write
sector operation will occur. Table 79 defines the Write Sector(s) without Erase command
byte sequence.
M
9.28
Write Verify command (3Ch)
This command is similar to the Write Sector(s) command, except each sector is verified
immediately after being written. This command has the same protocol as the Write Sector(s)
command. Table 80 defines the Write Verify command byte sequence.
Table 79.
Write Sector(s) without Erase
Bit
7
6
5
4
3
2
1
0
Command (7)
38h
C/D/H (6)
1
LB
A
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
Sector Number (LBA 7-0)
Sect Cnt (2)
Sector Count
Feature (1)
X
Table 80.
Write Verify
Bit
7
6
5432
1
0
Command (7)
3Ch
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sect Num (3)
Sector Number (LBA 7-0)
Sect Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com