Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8G02LI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP8G02LI
Description  20V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP8G02LI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP8G02LI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP8G02LI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP8G02LI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP8G02LI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP8G02LI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP8G02LI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP8G02LI Datasheet HTML 7Page - A POWER MICROELECTRONICS AP8G02LI Datasheet HTML 8Page - A POWER MICROELECTRONICS AP8G02LI Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP8G02LI
20V N+P-Channel Enhancement Mode MOSFET
AP8G02LI RVE1.0
永源微電子科技有限公司
Description
The AP8G02LI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =8.5A
RDS(ON) < 35mΩ @ VGS=4.5V(Type:28mΩ)
VDS = -20V ID =-7.8A
RDS(ON) < 38mΩ @ VGS=-4.5V(Type:28mΩ)
Application
BLDC
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP8G02LI
SOT23-6L
AP8G02LI
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
20
-20
V
VGS
Gate-Source Voltage
±
20
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
8.5
-7.8
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
6.2
-5.5
A
IDM
Pulsed Drain Current2
28
-32
A
EAS
Single Pulse Avalanche Energy3
24
78
mJ
PD@TA=25℃
Total Power Dissipation4
1.5
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
105
℃
/W
RθJC
Thermal Resistance Junction-Case1
50
℃
/W


Similar Part No. - AP8G02LI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP8G02BF APME-AP8G02BF Datasheet
893Kb / 10P
20V NP-Channel Enhancement Mode MOSFET
REV1.0
AP8G02BLI APME-AP8G02BLI Datasheet
1Mb / 11P
8A 20V NP
AP8G02S APME-AP8G02S Datasheet
999Kb / 10P
20V NP-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP8G02LI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW3G02S YFWDIODE-YFW3G02S Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW4G02LI YFWDIODE-YFW4G02LI Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G02NF YFWDIODE-YFW25G02NF Datasheet
3Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW4606S YFWDIODE-YFW4606S_V01 Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com