Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSX36 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LSX36
Description  LX Series Part-Sensing Light Curtain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LSX36 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LSX36 Datasheet HTML 1Page - Banner Engineering Corp. LSX36 Datasheet HTML 2Page - Banner Engineering Corp. LSX36 Datasheet HTML 3Page - Banner Engineering Corp. LSX36 Datasheet HTML 4Page - Banner Engineering Corp. LSX36 Datasheet HTML 5Page - Banner Engineering Corp. LSX36 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Original Instructions
09-Jul-25
p/n: 108865 Rev. I
LX Series Part-Sensing Light Curtain
© Banner Engineering Corp. All rights reserved.
www.bannerengineering.com
•
•
•
•
•
•
•
•
•
Features
For sensing small or flat parts at high speeds
Simple, economical, and highly reliable means of sensing small parts or flat items that pass
anywhere through the light screen
Emitter and receiver pair produce a strobed web of modulated light beams in 12 lengths and two
sensing ranges
Response speeds as fast as 0.8 ms with an output that includes a 5 ms pulse stretcher for
interfacing reliability
Simple wiring configuration; emitter and receiver do not need a synchronization wire
Rugged, self-contained, and compact construction; rated IEC IP65
Bipolar design offers both NPN (current sinking) and PNP (current sourcing) solid-state outputs
WARNING:
Do not use this device for personnel protection 
Using this device for personnel protection could result in serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in personnel
safety applications. A device failure or malfunction can cause either an energized (on) or de-energized (off)
output condition.
Models
An LX Part-Sensing Light Curtain system requires an emitter and receiver pair that match in range and sensing array length.
Emitter Models
Receiver Models
Range
Sensing Array Length
LX3ESR
LX3RSR
75 mm to 200 mm (3 in to 8 in)
5.6 mm dia. Minimum Object Detection Size
67 mm (2.6 in)
LX6ESR
LX6RSR
143 mm (5.6 in)
LX12ESR
LX12RSR
295 mm (11.6 in)
LX3E
LX3R
150 mm to 2 m (6 in to 6.5 ft)
9.5 mm dia. Minimum Object Detection Size
67 mm (2.6 in)
LX6E
LX6R
143 mm (5.6 in)
LX9E
LX9R
218 mm (8.6 in)
LX12E
LX12R
295 mm (11.6 in)
LX15E
LX15R
371 mm (14.6 in)
LX18E
LX18R
447 mm (17.6 in)
LX21E
LX21R
523 mm (20.6 in)
LX24E
LX24R
599 mm (23.6 in)
LX27E
LX27R
686 mm (27 in)
LX30E
LX30R
762 mm (30 in)
LX33E
LX33R
838 mm (33 in)
LX36E
LX36R
914 mm (35.9 in)
Additional sizes are available on request; contact Banner Engineering. The 2 m (6.5 ft) unterminated 5-wire PVC-jacketed cable models are
listed. To order the 150 mm (6 in) cable with the 5-pin M12 QD model, add the suffix “Q” to model number (for example, LX3EQ). Models with
a quick disconnect require a mating cordset.


Similar Part No. - LSX36

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LSX301 MICROSEMI-LSX301 Datasheet
152Kb / 3P
SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
More results

Similar Description - LSX36

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
YBB-14K4-0150-G012 CONTRINEX-YBB-14K4-0150-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K2-0150-G012 CONTRINEX-YBB-30K2-0150-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
YBB-14K4-0250-G012 CONTRINEX-YBB-14K4-0250-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K4-0250-G012 CONTRINEX-YBB-30K4-0250-G012 Datasheet
226Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K2-0250-G012 CONTRINEX-YBB-30K2-0250-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
logo
FOTEK CONTROLS CO., LTD...
C-1-LCK FOTEK-C-1-LCK Datasheet
88Kb / 1P
Light curtain controller
logo
Banner Engineering Corp...
LXSERIES BANNER-LXSERIES Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
logo
Pepperl+Fuchs Inc.
SLCS30 PF-SLCS30 Datasheet
871Kb / 7P
Safety light curtain
2023-02-14
SLCS60 PF-SLCS60 Datasheet
868Kb / 7P
Safety light curtain
2023-02-14
SLCT14 PF-SLCT14 Datasheet
862Kb / 7P
Safety light curtain
2023-02-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com