Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSX36 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LSX36
Description  LX Series Part-Sensing Light Curtain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LSX36 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LSX36 Datasheet HTML 1Page - Banner Engineering Corp. LSX36 Datasheet HTML 2Page - Banner Engineering Corp. LSX36 Datasheet HTML 3Page - Banner Engineering Corp. LSX36 Datasheet HTML 4Page - Banner Engineering Corp. LSX36 Datasheet HTML 5Page - Banner Engineering Corp. LSX36 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LX Series Part-Sensing Light Curtain
09-Jul-25
page 3 of 6
© Banner Engineering Corp. All rights reserved.
www.bannerengineering.com
•
◦
◦
◦
•
◦
◦
◦
•
◦
◦
•
◦
◦
◦
Wiring for the quick disconnect models
Load
Load
bk
gy
bn
bu
wh
10–30 V DC
shield *
Select **
Reduced
0–2 V DC
Normal
5–30 V DC
bk
gy
bn
bu
wh
10–30 V DC
shield *
Select **
Reduced
0–2 V DC
Normal
5–30 V DC
Receiver
Emitter
No Connection
No Connection
* Banner recommends connecting the shield wire to earth ground or DC common.
** If there is no connection, the Normal Range will be used.
Specifications
Supply Voltage and Power
10 V DC to 30 V DC (10% maximum ripple) at less than 1 watt
each for emitter and receiver (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: One current sourcing (PNP) and one current sinking
(NPN) open-collector transistor
Output Rating
125 mA maximum each output
Off-state leakage current: less than 5 microamps
Output saturation voltage (PNP output): < 1 V at 10 mA and <
1.5 V at 100 mA
Output saturation voltage (NPN output): < 0.5 V at 10 mA and
< 0.6 V at 100 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous
overload or short circuit of outputs
Output Response Time
LX3: 0.8 ms ON-time; 6 ms OFF-time (5 ms OFF-delay)
LX6: 1.6 ms ON-time; 7 ms OFF-time (5 ms OFF-delay)
LX9: 2.4 ms ON-time; 7.5 ms OFF-time (5 ms OFF-delay)
LX12: 3.2 ms ON-time; 8.5 ms OFF-time (5 ms OFF-delay)
LX15: 4.0 ms ON-time; 9 ms OFF-time (5 ms OFF-delay)
LX18: 4.8 ms ON-time; 10 ms OFF-time (5 ms OFF-delay)
LX21: 5.6 ms ON-time; 11 ms OFF-time (5 ms OFF-delay)
LX24: 6.4 ms ON-time; 11.5 ms OFF-time (5 ms OFF-delay)
LX27: 7.2 ms ON-time; 12 ms OFF-time (5 ms OFF-delay)
LX30: 8 ms ON-time; 13 ms OFF-time (5 ms OFF-delay)
LX33: 8.8 ms ON-time; 14 ms OFF-time (5 ms OFF-delay)
LX36: 9.6 ms ON-time; 15 ms OFF-time (5 ms OFF-delay)
Construction
Aluminum housing, die-cast zinc with black e-coat painted
endcaps, acrylic lens window
Application Notes
Minimum Object Detection Size (MODS)
Smallest diameter rod that can be detected in the sensing
range:
Short-Range: 5.6 mm (0.22 in)
Standard-Range: 9.5 mm (0.38 in)
Indicators
Emitter:
LED1 (green)
ON: Power ON, good sensor
OFF: Reduced Range
ON: Power ON, good sensor
LED2 (red)
ON: Reduced range
OFF: Normal range
Flashing: Emitter hardware failure
Receiver
LED1 (amber)
ON: Output conducting
OFF: Output not conducting
LED2 (bicolor green/red)
Green: Normal range
Red: Reduced range
Flashing Red: Receiver hardware failure
Connections
2 meter (6.5 ft) 5-conductor (with drain) PVC-jacketed
attached cable or a 150 mm (6 in) PVC-jacketed cable with a
5-pin M12 male quick-disconnect connector, depending on the
model
Environmental Rating
Meets IP65
Operating Conditions
–20 °C to +70 °C (–4 °F to +158 °F)
90% at +50 °C maximum relative humidity (non-condensing)
The best sensing resolution occurs within the center
80% of the sensing range (see "Theory of Operation"
on page 2 ).
1.
Low-profile packages can be reliably detected.
2.
Outputs are active while the light screen is
interrupted.
3.
For reliable detection, successive parts must be
spaced up to the total of ON-time plus OFF-time
apart (that is, 12 milliseconds for the LX12)
4.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com