Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2142ACP Datasheet(PDF) 19 Page - Texas Instruments

Part # TLE2142ACP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142ACP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLE2142ACP Datasheet HTML 15Page - Texas Instruments TLE2142ACP Datasheet HTML 16Page - Texas Instruments TLE2142ACP Datasheet HTML 17Page - Texas Instruments TLE2142ACP Datasheet HTML 18Page - Texas Instruments TLE2142ACP Datasheet HTML 19Page - Texas Instruments TLE2142ACP Datasheet HTML 20Page - Texas Instruments TLE2142ACP Datasheet HTML 21Page - Texas Instruments TLE2142ACP Datasheet HTML 22Page - Texas Instruments TLE2142ACP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
1
IIO
Input offset current
vs Free-air temperature
2
IIB
Input bias current
vs Free-air temperature
3
IIB
Input bias current
p
vs Common-mode input voltage
4
V
Mi
i i
k
l
vs Supply voltage
5
VOM +
Maximum positive peak output voltage
vs Supply voltage
vs Free-air temperature
5
6
OM +
pp
p
g
p
vs Output current
7
V
Mi
i
k
l
vs Supply voltage
5
VOM –
Maximum negative peak output voltage
vs Supply voltage
vs Free-air temperature
5
6
OM
gp
p
g
p
vs Output current
8
VOM
Maximum peak output voltage
vs Settling time
9
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
10
VOH
High-level output voltage
vs Output current
11
VOL
Low-level output voltage
vs Output current
12
AVD
Large-signal differential voltage amplification
vs Free-air temperature
13
AVD
Large-signal differential voltage amplification
p
vs Frequency
14
zo
Closed-loop output impedance
vs Frequency
15
IOS
Short-circuit output current
vs Free-air temperature
16
CMRR
Common-mode rejection ratio
vs Frequency
17
CMRR
Common-mode rejection ratio
qy
vs Free-air temperature
18
kSVR
Supply voltage rejection ratio
vs Frequency
19
kSVR
Supply voltage rejection ratio
qy
vs Free-air temperature
20
ICC
Supply current
vs Free-air temperature
21
ICC
Supply current
p
vs Supply voltage
22
Vn
Noise voltage
vs Frequency
23
Vn
Noise voltage
Over a 10-second period
24
In
Equivalent input noise current
vs Frequency
25
THD + N
Total harmonic distortion plus noise
vs Frequency
26
SR
Slew rate
vs Free-air temperature
27
SR
Slew rate
p
vs Load capacitance
28
Noninverting large signal
vs Time
29
Pulse response
Inverting large signal
vs Time
30
Small signal
vs Time
31
B1
Unity-gain bandwidth
vs Load capacitance
32
Gain margin
vs Load capacitance
33
φm
Phase margin
vs Load capacitance
34
Phase shift
vs Frequency
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com