Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2142ACP Datasheet(PDF) 24 Page - Texas Instruments

Part # TLE2142ACP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142ACP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLE2142ACP Datasheet HTML 20Page - Texas Instruments TLE2142ACP Datasheet HTML 21Page - Texas Instruments TLE2142ACP Datasheet HTML 22Page - Texas Instruments TLE2142ACP Datasheet HTML 23Page - Texas Instruments TLE2142ACP Datasheet HTML 24Page - Texas Instruments TLE2142ACP Datasheet HTML 25Page - Texas Instruments TLE2142ACP Datasheet HTML 26Page - Texas Instruments TLE2142ACP Datasheet HTML 27Page - Texas Instruments TLE2142ACP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
1
0.1
0.01
0.001
1 k
10 k
100 k
1 M
10
f – Frequency – Hz
100
10 M
CLOSED-LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
– 75 – 50 – 25
0
25
50
75
100
125 150
20
30
40
TA – Free-Air Temperature – °C
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
50
60
VCC
± = ±15 V
VO = 0
AVD = 100
AVD = 1
VID = 1
VID = – 1
30
Ω
AVD = 10
Figure 15
Figure 16
f – Frequency – Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
– 75 – 50 – 25
0
25
50
75
100
125 150
100
104
108
112
TA – Free-Air Temperature – °C
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
116
120
60
40
20
0
100
1 k
10 k
80
100
120
100 k
1 M
140
VCC
± = ±15 V
TA = 25°C
VCC = 5 V
VCC
± = ±15 V
VIC = VICRmin
Figure 17
Figure 18
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com