Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2142MP Datasheet(PDF) 22 Page - Texas Instruments

Part # TLC2142MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2142MP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC2142MP Datasheet HTML 18Page - Texas Instruments TLC2142MP Datasheet HTML 19Page - Texas Instruments TLC2142MP Datasheet HTML 20Page - Texas Instruments TLC2142MP Datasheet HTML 21Page - Texas Instruments TLC2142MP Datasheet HTML 22Page - Texas Instruments TLC2142MP Datasheet HTML 23Page - Texas Instruments TLC2142MP Datasheet HTML 24Page - Texas Instruments TLC2142MP Datasheet HTML 25Page - Texas Instruments TLC2142MP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
0
–7.5
–10
–12.5
10
0
100
200
300
400
500
5
2.5
7.5
12.5
Settling Time (ns)
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SETTLING TIME
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
5
0
25
100 k
400 k
1 M
f – Frequency – Hz
20
15
10
30
4 M
10 M
AVD = –1
VCC
± = ±15 V
TA = 25°C
VCC
± = ±15 V
RL = 2 kΩ
TA = 125°C
TA = – 55°C
TA = 25°C
Rising
Falling
0.1%
0.01%
0.01%
0.1%
– 2.5
–5
Figure 9
Figure 10
3.6
3.4
4.6
–1
–10
4.4
4.2
4
HIGH-LEVEL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
–100
200
0
1000
0.1
1
10
800
600
400
LOW-LEVEL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
100
1400
1200
TA = – 55°C
TA = – 55°C
TA = 125°C
TA = 125°C
TA = 25°C
VCC = 5 V
VCC = 5 V
3.8
TA = 25°C
– 0.1
Figure 11
Figure 12
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com