Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC2142MP Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC2142MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2142MP Datasheet(HTML) 3 Page - Texas Instruments

  TLC2142MP Datasheet HTML 1Page - Texas Instruments TLC2142MP Datasheet HTML 2Page - Texas Instruments TLC2142MP Datasheet HTML 3Page - Texas Instruments TLC2142MP Datasheet HTML 4Page - Texas Instruments TLC2142MP Datasheet HTML 5Page - Texas Instruments TLC2142MP Datasheet HTML 6Page - Texas Instruments TLC2142MP Datasheet HTML 7Page - Texas Instruments TLC2142MP Datasheet HTML 8Page - Texas Instruments TLC2142MP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
symbol (each amplifier)
+
–
OUT
IN +
IN –
TLE2142Y chip information
This chip, when properly assembled, displays characteristics similar to the TLE2142. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN 4 IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
+
–
OUT
IN +
IN –
VCC+
(8)
(6)
(3)
(2)
(5)
(1)
–
+
(7)
IN +
IN –
OUT
(4)
VCC –
90
80
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com