Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2N7002AI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP2N7002AI
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2N7002AI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP2N7002AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
60V N-Channel Enhancement Mode MOSFET
Package Marking and Ordering Information
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (TJ =150℃)
TA =25℃
ID
0.3
A
TA =100℃
0.19
Drain Current-Pulsed (Note 1)
IDM
0.8
A
Maximum Power Dissipation
PD
0.35
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
350
℃
/W
AP2N7002AI
Description
The AP2N7002AI uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
General Features
VDS = 60V ID =0.3A
RDS(ON) < 3Ω @ VGS=10V
ESD Rating:HBM≥2000V
Application
Battery protection
Load switch
Uninterruptible power supply
72K
AP2N7002AI
Product ID
Pack
SOT23L
Marking
Qty(PCS)
3000
AP2N7002AI Rve3.8
永源微電子科技有限公司


Similar Part No. - AP2N7002AI

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP2N7002AJ APME-AP2N7002AJ Datasheet
797Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP2N7002AK APME-AP2N7002AK Datasheet
592Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
AP2N7002AL APME-AP2N7002AL Datasheet
708Kb / 7P
60V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP2N7002AI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com