Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2N7002AI Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP2N7002AI
Description  60V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP2N7002AI Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2N7002AI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2N7002AI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
60V N-Channel Enhancement Mode MOSFET
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min Typ
Max
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
60
68
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=60V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
-
±100
±500
nA
VGS=±20V,VDS=0V
-
±4
±10
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.7
1.2
1.9
V
Drain-Source On-State Resistance
RDS(ON)
VGS=5V, ID=0.4A
-
1.3
3
Ω
VGS=10V, ID=0.5A
-
1
2
Ω
Forward Transconductance
gFS
VDS=10V,ID=0.2A
0.1
-
-
S
Input Capacitance
Clss
VDS=25V,VGS=0V,
F=1.0MHz
-
21
50
PF
Output Capacitance
Coss
-
11
25
PF
Reverse Transfer Capacitance
Crss
-
4.2
5
PF
Turn-on Delay Time
td(on)
VDD=30V,ID=0.2A
VGS=10V,RGEN=10Ω
-
10
-
nS
Turn-on Rise Time
tr
-
50
-
nS
Turn-Off Delay Time
td(off)
-
17
-
nS
Turn-Off Fall Time
tf
-
10
-
nS
Total Gate Charge
Qg
VDS=10V,ID=0.3A,
VGS=4.5V
-
1.7
3
nC
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=0.2A
-
-
1.2
V
Diode Forward Current (Note 2)
IS
-
-
0.3
A
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
AP2N7002AI
AP2N7002AI Rve3.8
永源微電子科技有限公司



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com