Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8352AL2-AX Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS8352AL2-AX
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8352AL2-AX Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS8352AL2-AX Datasheet HTML 1Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 2Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 3Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 4Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 5Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 6Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 7Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 8Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
R08DS0132EJ0101 Rev.1.01
Page 1 of 19
May 25, 2021
Preliminary Data Sheet
PS8352AL2
ANALOG OUTPUT TYPE
OPTICAL COUPLED ISOLATION AMPLIFIER
DESCRIPTION
The PS8352AL2 is an optically coupled isolation amplifier that uses an IC with a high-accuracy sigma-delta
A/D converter and an AlGaAs light-emitting diode with high-speed response and high luminance efficiency
on the input side, and an IC with a high-accuracy D/A converter on the output side.
The PS8352AL2 is designed specifically for high common mode transient immunity (CMTI) and high linearity
(non-linearity). The PS8352AL2 is designed for current and voltage sensing.
FEATURES
 Non-linearity (NL200 = 0.35 % MAX.)
 High common mode transient immunity (CMTI = 10 kV/
s MIN.)
 High isolation voltage (BV = 5 000 Vr.m.s.)
 Gain tolerance (G = 7.92 to 8.08 (1 %))
Gain: 8 V/V TYP.
 Package: 8-pin DIP lead bending type for long creepage distance
for surface mount (L2)
 Embossed tape product: PS8352AL2-E3: 2 000 pcs/reel
 Pb-Free product
 Safety standards
 UL approved: UL1577, Double protection
 CSA approved: CAN/CSA-C22.2 62368-1, Reinforced insulation
 VDE approved: DIN EN 60747-5-5 (Option)
APPLICATIONS
 AC Servo, inverter
 Solar power conditioner
 Measurement equipment
Start of mass production
2015-09
R08DS0132EJ0101
Rev.1.01
May 25, 2021
PIN CONNECTION
(Top View)
1. VDD1
2. VIN+
3. VIN–
4. GND1
5. GND2
6. VOUT–
7. VOUT+
8. VDD2
1
2
4
3
6
5
8
7


Similar Part No. - PS8352AL2-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8352AL2-AX RENESAS-PS8352AL2-AX Datasheet
430Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results

Similar Description - PS8352AL2-AX

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
Analog Isolation Amplifier
logo
Renesas Technology Corp
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com